Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDF604PI Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDF604PI
Description  4A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDF604PI Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDF604PI Datasheet HTML 2Page - IXYS Corporation IXDF604PI Datasheet HTML 3Page - IXYS Corporation IXDF604PI Datasheet HTML 4Page - IXYS Corporation IXDF604PI Datasheet HTML 5Page - IXYS Corporation IXDF604PI Datasheet HTML 6Page - IXYS Corporation IXDF604PI Datasheet HTML 7Page - IXYS Corporation IXDF604PI Datasheet HTML 8Page - IXYS Corporation IXDF604PI Datasheet HTML 9Page - IXYS Corporation IXDF604PI Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R07
IXD_604
3
Block Diagrams & Truth Tables
3.1 IXDD604
3.2 IXDI604
3.3 IXDF604
3.4 IXDN604
INX
ENX
OUTX
0
1 or open
0
1
1 or open
1
00
Z
10
Z
INX
OUTX
0
1
1
0
200k
Ω
ENA
INA
GND
INB
ENB
OUTA
V
CC
OUTB
V
CC
V
CC
IXDD604
200k
Ω
V
CC
INA
GND
INB
OUTA
V
CC
OUTB
V
CC
IXDI604
INA
OUTA
0
1
1
0
INB
OUTB
0
0
1
1
INX
OUTX
0
0
1
1
INA
GND
INB
OUTA
V
CC
OUTB
V
CC
IXDF604
INA
GND
INB
OUTA
V
CC
OUTB
V
CC
IXDN604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com