Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD609PI Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDD609PI
Description  9A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD609PI Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDD609PI Datasheet HTML 3Page - IXYS Corporation IXDD609PI Datasheet HTML 4Page - IXYS Corporation IXDD609PI Datasheet HTML 5Page - IXYS Corporation IXDD609PI Datasheet HTML 6Page - IXYS Corporation IXDD609PI Datasheet HTML 7Page - IXYS Corporation IXDD609PI Datasheet HTML 8Page - IXYS Corporation IXDD609PI Datasheet HTML 9Page - IXYS Corporation IXDD609PI Datasheet HTML 10Page - IXYS Corporation IXDD609PI Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_609
R06
www.ixysic.com
7
4
Typical Performance Characteristics
Supply Voltage (V)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
Rise Time vs. Supply Voltage
(Input=0-5V, f=10kHz, T
A=25ºC)
C
L=10nF
C
L=5.4nF
C
L=1.5nF
Supply Voltage (V)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
Fall Time vs. Supply Voltage
(Input=0-5V, f=10kHz, T
A=25ºC)
C
L=10nF
C
L=5.4nF
C
L=1.5nF
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
5
6
7
8
9
10
11
Rise and Fall Times vs. Temperature
(V
IN=0-5V, VCC=18V, f=10kHz, CL=2.5nF)
t
r
t
f
Load Capacitance (pF)
0
2000
4000
6000
8000
10000
0
10
20
30
40
50
60
70
Rise Time vs. Load Capacitance
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
V
CC=35V
Load Capacitance (pF)
0
2000
4000
6000
8000
10000
0
10
20
30
40
50
60
Fall Time vs. Load Capacitance
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
V
CC=35V
Supply Voltage (V)
0
5
10
15
20
25
30
35
0
50
100
150
200
Propagation Delay vs. Supply Voltage
(V
IN=0-5V, f=1kHz, CL=5.4nF)
t
offdly
t
ondly
Input Voltage (V)
246
8
10
12
0
20
40
60
80
100
120
140
160
180
Propagation Delay vs. Input Voltage
(V
IN=5V, VCC=12V, f=1kHz, CL=5.4nF)
t
ondly
t
offdly
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
30
35
40
45
50
55
Propagation Delay
vs. Temperature
(V
CC=18V, f=1kHz, CL=5.4nF)
t
ondly
t
offdly
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Input Threshold Voltage
vs. Temperature
(V
CC=18V, CL=2.5nF)
Min V
IH
Max V
IL
Supply Voltage (V)
0
5
10
15
20
25
30
35
1.0
1.5
2.0
2.5
3.0
3.5
Input Threshold vs. Supply Voltage
Min V
IH
Max V
IL
Supply Voltage (V)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
Enable Threshold vs. Supply Voltage
Min V
ENH
Max V
ENL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com