Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8924 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8924
Description  2 x 120 W class-D power amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8924 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8924 Datasheet HTML 9Page - NXP Semiconductors TDA8924 Datasheet HTML 10Page - NXP Semiconductors TDA8924 Datasheet HTML 11Page - NXP Semiconductors TDA8924 Datasheet HTML 12Page - NXP Semiconductors TDA8924 Datasheet HTML 13Page - NXP Semiconductors TDA8924 Datasheet HTML 14Page - NXP Semiconductors TDA8924 Datasheet HTML 15Page - NXP Semiconductors TDA8924 Datasheet HTML 16Page - NXP Semiconductors TDA8924 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
2003 Jul 28
13
Philips Semiconductors
Objective specification
2
× 120 W class-D power amplifier
TDA8924
14 DYNAMIC AC CHARACTERISTICS (STEREO AND DUAL SE APPLICATION)
VP = ±24 V; RL =2 Ω; fi = 1 kHz; fosc = 310 kHz; RsL < 0.1 Ω (note 1); Tamb =25 °C; measured in Fig.9; unless
otherwise specified.
Notes
1. RsL = series resistance of inductor of low-pass LC filter in the application.
2. Output power is measured indirectly; based on RDSon measurement.
3. Total harmonic distortion is measured in a bandwidth of 22 Hz to 22 kHz. When distortion is measured using a lower
order low-pass filter a significantly higher value is found, due to the switching frequency outside the audio band.
Maximum limit is guaranteed but may not be 100 % tested.
4. Output power measured across the loudspeaker load.
5. Vripple =Vripple(max) = 2 V (p-p); fi = 100 Hz; Rs =0 Ω.
6. Vripple =Vripple(max) = 2 V (p-p); fi = 1 kHz; Rs =0 Ω.
7. B = 22 Hz to 22 kHz; Rs =0 Ω; maximum limit is guaranteed but may not be 100 % tested.
8. B = 22 Hz to 22 kHz; Rs =10kΩ.
9. B = 22 Hz to 22 kHz; independent of Rs.
10. Po = 1 W; Rs =0 Ω; fi = 1 kHz.
11. Vi =Vi(max) = 1 V (RMS); maximum limit is guaranteed but may not be 100 % tested.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
RL =4 Ω; VP = ±27 V; THD = 0.5 %; note 2 −
70
−
W
RL =4 Ω; VP = ±27 V; THD = 10 %; note 2
−
90
−
W
RL =3 Ω; VP = ±27 V; THD = 0.5 %; note 2 −
93
−
W
RL =3 Ω; VP = ±27 V; THD = 10 %; note 2
−
115
−
W
RL =2 Ω; VP = ±24 V; THD = 0.5 %; note 2 −
95
−
W
RL =2 Ω; VP = ±24 V; THD = 10 %; note 2
−
120
−
W
THD
total harmonic distortion
Po = 1 W; note 3
fi = 1 kHz
−
0.05
−
%
fi = 10 kHz
−
0.07
−
%
Gv(cl)
closed loop voltage gain
−
28
−
dB
η
efficiency
Po = 125 W; note 4
−
83
−
%
SVRR
supply voltage ripple
rejection
operating; fi = 100 Hz; note 5
−
55
−
dB
operating; fi = 1 kHz; note 6
40
50
−
dB
mute; fi = 100 Hz; note 5
−
55
−
dB
standby; fi = 100 Hz; note 5
−
80
−
dB
Z
i
input impedance
45
68
−
k
Ω
Vn(o)
noise output voltage
operating; Rs =0 Ω; note 7
−
200
400
µV
operating; Rs =10kΩ; note 8
−
230
−µV
mute; note 9
−
220
−µV
αcs
channel separation
note 10
−
70
−
dB
∆G
v
channel unbalance
−−
1dB
Vo(mute)
output signal in mute
note 11
−−
400
µV
CMRR
common mode rejection
ratio
Vi(CM) = 1 V (RMS)
−
75
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com