Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250U15F503C5NA Datasheet(PDF) 2 Page - CTS Corporation

Part # 250U15F503C5NA
Description  Commercial 9mm Carbon Composition Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

250U15F503C5NA Datasheet(HTML) 2 Page - CTS Corporation

  250U15F503C5NA Datasheet HTML 1Page - CTS Corporation 250U15F503C5NA Datasheet HTML 2Page - CTS Corporation 250U15F503C5NA Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
250X
250Y
DIMENSION:
mm
inch
.130
.268
L±
6.8
3.3
.020
0.5
.039
1.0
.150
.291
.386
9.8
.197
7.4
5.0
3.8
.217
5.5
±0.05
3.3±0.05
.323±.002
.130±.002
.197±.002
5.0±0.05
2.1
.083
Ø1.1
Ø.043
+0.2
-0.0
-0
+.008 (3)
-0.0
+.004
-0
+0.1
1.8
.071
8.2
(3)
2.5±0.05
2.1
+0.1
8.2 ±0.05
1.8
.323±.002
.197±.002
5.00±0.05
.098±.002
.071
.083
-0.0
+.004
-0
-0
+.008
-0.0
Ø.043
+0.2
Ø1.1
.157
.362
.291
.197
.248
.217
.256
.098
.197
.020
.118
0.5
.039
3.0
5.0
L±
2.5
1.0
4.0
6.3
5.5
9.2
7.4
5.0
6.5
250U
0.5
.150
.039
.020
.268
.150
.224
.276
.398
.449
.197
.217
Ø.043+.008
-0
-0
-0
+.004
.083
1.8
.417±.002
.276±.002
.197±.002
+0.1
3.8
L±
1.0
5.00±0.05
6.8
3.8
5.7
7.0
10.1
11.4
5.0
5.5
+0.20
Ø1.1-0
2.10
.071
10.60±0.05
7.00±0.05
.382±.008
9.7±0.2
.248
6.3
0.8
.031
-0.1
+.0
-.004
+0.0
(3)
.394±.02
10.0±0.5
2.0
.079
-0.1
+.0
-.004
+0.0
.394±.02
10.0±0.5
2.0
.079
-0.1
+.0
-.004
+0.0
.382±.008
9.7±0.2
0.8
.031
-0.1
+.0
-.004
+0.0
(3)
2.0
.079
-0.1
+.0
-.004
+0.0
.382±.008
9.7±0.2
.248
6.3
(3)
.236
6.0
.236
6.0
.236
6.0
DIMENSION:
mm
inch
DIMENSION:
mm
inch
.335
8.5
6.3
.449
11.4
.197
.248
5.0
.398
10.1
.224
.217
5.5
.276
7.0
5.7
.315
3.8
.315
.197
3.8
.150
5.0
8.0
2.0
.079
L ±
.020
0.5
9.7±0.2
.236
6.0
Ø.043+.008
-0
-0
-0
+.004
.083
1.8
.417±.002
.276±.002
.197±.002
+0.1
5.00±0.05
+0.20
Ø1.1-0
2.10
.071
10.60±0.05
7.00±0.05
(3)
DIMENSION:
mm
inch
2 - 3
© 2010 CTS Corporation. All rights reserved. Information subject to change.
05/14/10
CTS
Electrocomponents
www.ctscorp.com
250U
Without Bushing
With Bushing
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
.382±.008



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com