Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ23 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ23
Description  SOA is Power Dissipation Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ23 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ23 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ23 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ23
DESCRIPTION
·Static Drain-Source On-Resistance
: RDS(on) = 0.2Ω(Max)
·SOA is Power Dissipation Limited
APPLICATIONS
designed for applications such as switching regulators,
switching converters, motor drivers,relay drivers and
drivers for high power bipolar switching transistors
requiring high speed and low gate drive power.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
10
A
Ptot
Total Dissipation@TC=25℃
78
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.6
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
35
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ23

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ23 SIEMENS-BUZ23 Datasheet
170Kb / 6P
main ratings
BUZ231 SIEMENS-BUZ231 Datasheet
173Kb / 6P
main ratings
More results

Similar Description - BUZ23

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6898 ISC-2N6898 Datasheet
47Kb / 2P
SOA is power-dissipation limited
BUK444-800B ISC-BUK444-800B Datasheet
67Kb / 2P
SOA is Power Dissipation Limited
BUZ40B ISC-BUZ40B Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ42 ISC-BUZ42 Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ45A ISC-BUZ45A Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ64 ISC-BUZ64 Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ84 ISC-BUZ84 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ15 ISC-BUZ15 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ34 ISC-BUZ34 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ36 ISC-BUZ36 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com