Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ34 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ34
Description  SOA is Power Dissipation Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ34 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ34 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ34 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ34
DESCRIPTION
·Static Drain-Source On-Resistance
: RDS(on) = 0.2Ω(Max)
·SOA is Power Dissipation Limited
APPLICATIONS
designed for applications such as switching regulators,
switching converters, motor drivers,relay drivers and
drivers for high power bipolar switching transistors
requiring high speed and low gate drive power.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
200
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
14
A
Ptot
Total Dissipation@TC=25℃
78
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.6
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
35
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ34

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ34 SIEMENS-BUZ34 Datasheet
171Kb / 6P
main ratings
BUZ341 SIEMENS-BUZ341 Datasheet
212Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ341 INFINEON-BUZ341 Datasheet
93Kb / 8P
SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ341 ISC-BUZ341 Datasheet
396Kb / 2P
isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ342 SIEMENS-BUZ342 Datasheet
214Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
More results

Similar Description - BUZ34

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6898 ISC-2N6898 Datasheet
47Kb / 2P
SOA is power-dissipation limited
BUK444-800B ISC-BUK444-800B Datasheet
67Kb / 2P
SOA is Power Dissipation Limited
BUZ40B ISC-BUZ40B Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ42 ISC-BUZ42 Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ45A ISC-BUZ45A Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ60B ISC-BUZ60B Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ64 ISC-BUZ64 Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ84 ISC-BUZ84 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ15 ISC-BUZ15 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ36 ISC-BUZ36 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com