Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C51 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # 80C51
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button 80C51 Datasheet HTML 35Page - NXP Semiconductors 80C51 Datasheet HTML 36Page - NXP Semiconductors 80C51 Datasheet HTML 37Page - NXP Semiconductors 80C51 Datasheet HTML 38Page - NXP Semiconductors 80C51 Datasheet HTML 39Page - NXP Semiconductors 80C51 Datasheet HTML 40Page - NXP Semiconductors 80C51 Datasheet HTML 41Page - NXP Semiconductors 80C51 Datasheet HTML 42Page - NXP Semiconductors 80C51 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
2003 Oct 30
39
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.3.4
UART Configuration Register 1 (UCR1)
This register is used for setting the parameters of the ISO UART.
Table 61 UART configuration register 1, address 6h, read and write
Table 62 Description of register bits
8.10.3.5
Clock Configuration Register (CCR)
This register defines the clock to the card and the clock to the ISO UART. Note that if bit CKU in the prescaler register
of the selected card (register UCR2) is set, then the ISO UART is clocked at twice the frequency to the card, which allows
to reach baud rates not foreseen in ISO 7816 norm.
Table 63 Clock configuration register, address 1h, read and write
BIT
7
6
543210
Symbol
−
FIP
FC
PROT
T/R
LCT
SS
CONV
Reset value
−
0000000
BIT
SYMBOL
DESCRIPTION
7
−
Not used.
6
FIP
Force Inverse Parity. If FIP = 1, then the UART will NAK a correct received character,
and will transmit characters with wrong parity bit.
5FC
Test bit. FC must be left to logic 0.
4PROT
Protocol. If PROT = 1, then protocol type is asynchronous T = 1; if PROT = 0, the
protocol is T = 0.
3
T/R
Transmit/Receive. This bit is set by software for transmission mode. A change from
logic 0 to logic 1 will set bit TBE in register USR. T/R is automatically reset by hardware
if LCT has been used before transmitting the last character.
2
LCT
Last Character to Transmit. This bit is set by software before writing the last character
to be transmitted in register UTR. It allows automatic change to reception mode. It is
reset by hardware at the end of a successful transmission. When LCT is being reset, the
bit T/R is also reset and the ISO 7816 UART is ready for receiving a character.
1SS
Start Session. This bit is set by software before ATR for automatic convention detection
and early answer detection. It is automatically reset by hardware at 10.5 ETU after
reception of the initial character.
0
CONV
Convention. This bit is set if the convention is direct. Bit CONV is either automatically
written by hardware according to the convention detected during ATR, or by software if
bit AUTOCONV in register UCR2 is set.
BIT
7
6
543210
Symbol
−−
SHL
CST
SC
AC2
AC1
AC0
Reset value
−−
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com