Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL092CPSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL092CPSR
Description  DUAL JFET-INPUT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL092CPSR Datasheet(HTML) 4 Page - Texas Instruments

  TL092CPSR Datasheet HTML 1Page - Texas Instruments TL092CPSR Datasheet HTML 2Page - Texas Instruments TL092CPSR Datasheet HTML 3Page - Texas Instruments TL092CPSR Datasheet HTML 4Page - Texas Instruments TL092CPSR Datasheet HTML 5Page - Texas Instruments TL092CPSR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TL092
DUAL JFET INPUT OPERATIONAL AMPLIFIER
SLOS372 − JUNE 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V
(all characteristics are specified under open-loop conditions, unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP†
MAX
UNIT
VIO
Input offset voltage
RS = 50 Ω
25
°C
5
15
mV
VIO
Input offset voltage
RS = 50 Ω
Full range
20
mV
αV
IO
Temperature coefficient
of input offset voltage
25
°C
10
µV/°C
IIO‡
Input offset current
25
°C
50
200
pA
IIO‡
Input offset current
Full range
5
nA
IIB‡
Input bias current
25
°C
200
400
pA
IIB‡
Input bias current
Full range
10
nA
VICR
Common-mode input
voltage range
25
°C
VCC−
to 12
VCC−
to 13
V
RL = 2 kΩ
25
°C
±10
±13
VO(PP) Peak output voltage swing
RL = 10 kΩ
25
°C
±12 ±13.5
V
VO(PP) Peak output voltage swing
RL = 2 kΩ
Full range
±10
V
AVD
Large-signal differential
RL = 2 kΩ,
VO = ±10 V
25
°C
20
200
V/mV
AVD
Large-signal differential
voltage amplification
RL = 2 kΩ,
VO = ±10 V
Full range
15
V/mV
BOM
Maximum output swing
bandwidth
RL = 2 kΩ,
AVD = 1,
VO(PP) = 20 V,
THD
< 5%
25
°C
9
kHz
B1
Unity gain bandwidth
RL = 10 kΩ,
VO = 50 mV
25
°C
1
MHz
φm
Phase margin
RL = 2 kΩ,
CL = 200 pF
25
°C
60
°
ri
Input resistance
f = 20 Hz
25
°C
1012
Ω
ro
Output resistance
f = 20 Hz
25
°C
75
Ω
CMRR
Common-mode rejection ratio
RS = 50 Ω,
VIC = VICR
25
°C
70
90
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC/∆VIO)
RS = 50 Ω,
VCC± = ±3 V to ±15 V
25
°C
75
90
dB
IOS
Short-circuit output current
25
°C
40
mA
ICC
Supply current (per amplifier)
VO = 0,
No load
25
°C
1.5
2.5
mA
† All typical values are at TA = 25°C.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques
that maintain the junction temperature as close to the ambient temperature as possible must be used.
electrical characteristics at specified free-air temperature, VCC+ = 5 V, VCC− = 0 V, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIO
Input offset voltage
RS = 50 Ω,
VO = 2.5 V
5
15
mV
IIO
Input offset current
VO = 2.5 V
50
200
pA
IIB
Input bias current
VO = 2.5 V
200
400
pA
VO(PP)
Peak output voltage swing
RL = 10 kΩ
3.3
3.5
V
VO(PP)
Peak output voltage swing
RL = 10 kΩ,
VCC+ = 5 V to 30 V
VCC+−1.7
V
AVD
Large-signal differential
voltage amplification
RL = 2 kΩ,
∆VO =1.6 V
20
200
V/mV
kSVR
Supply-voltage rejection ratio
(
∆VCC/∆VIO)
RS = 50 Ω,
VCC± = ±3 V to ±15 V
75
dB
ICC
Supply current (per amplifier)
VO = 2.5 V,
No load
1.5
2.5
mA
VO1/VO2
Channel separation
f = 1 kHz to 20 kHz
120
dB
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com