Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS50 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LPS50
Description  50W Single Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPS50 Datasheet(HTML) 2 Page - Astrodyne Corporation

  LPS50 Datasheet HTML 1Page - Astrodyne Corporation LPS50 Datasheet HTML 2Page - Astrodyne Corporation LPS50 Datasheet HTML 3Page - Astrodyne Corporation LPS50 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50W Single Output Switching Power Supply
LPS50 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264 VAC; 127~370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)18Amps@115VAC / 35Amps@230VAC
Input Current, typ.
3.3Volts(DC)
0.9Amps@115VAC / 0.6Amps@230VAC
5~48Volts(DC)
1.2Amps@115VAC/ / 0.8Amps@230VAC
Leakage current
< 1mAmps /240VAC
Min Load
See Selection Chart
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±1.0%
Load Regulation
±3.0%: 3.3~5Volts(DC)
±2.0%: 12~15Volts(DC)
±1.0%: 24~48Volts(DC)
Voltage Tolerance (Note2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
70mS/230VAC
12mS/115VAC
Setup, Rise Time @ FL
100ms, 40m/230VAC
100mS, 40mS/115VAC
Over Voltage Protection
3.8 ~ 4.45Volt(DC): 3.3Volts(DC)
5.75 ~ 6.75Volt(DC): 5Volts(DC)
13.8 ~ 16.2Volt(DC): 12Volts(DC)
17.25 ~ 20.25Volt(DC): 15Volts(DC)
27.6~ 32.4Volt(DC): 24Volts(DC)
57.6~ 67.2Volt(DC): 48Volts(DC)
Hiccup mode, auto recover
Over Current Protection
122 ~ 160% rated output power
Hiccup mode, auto recover
DC Volt Adjust
See Selection Chart
Peak Load, 10S(Note 3)
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022B (CISPR22B)
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency, typ.
75% (LPS-50-3.3)
81% (LPS-50-5)
82% (LPS-50-12)
84% (LPS-50-15)
85% (LPS-50-24)
86%(LPS-50-48)
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2, 3, 4, 5, 6, 8, 11;
ENV50204,EN61000-6-2(EN50082-2)
heavy Industry Level, Criteria A
Remote ON/OFF
RC+/RC-: 0~0.8Volts(DC)= power On
4~10Volts(DC)= power Off
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20°C to +70°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH non cond
Temperature Coefficient
±0.04% / °C (0-50°C)
MTBF
341.7KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
195 x 55 x 23
Inches
7.68” x 2.17 ” x 0.91 ”
Weight
8.47 oz (240g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. 33.3% Duty cycle maximum within every 30 seconds. Average output
power should not exceed the rated power.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com