Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416-160 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320VC5416-160
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416-160 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320VC5416-160 Datasheet HTML 5Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 6Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 7Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 8Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 9Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 10Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 11Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 12Page - Texas Instruments TMS320VC5416-160 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
www.ti.com
1
TMS320VC5416 Features
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
• Arithmetic Instructions With Parallel Store and
• Advanced Multibus Architecture With Three
Parallel Load
Separate 16-Bit Data Memory Buses and One
Program Memory Bus
• Conditional Store Instructions
• 40-Bit Arithmetic Logic Unit (ALU) Including a
• Fast Return From Interrupt
40-Bit Barrel Shifter and Two Independent
• On-Chip Peripherals
40-Bit Accumulators
–
Software-Programmable Wait-State
• 17- × 17-Bit Parallel Multiplier Coupled to a
Generator and Programmable
40-Bit Dedicated Adder for Non-Pipelined
Bank-Switching
Single-Cycle Multiply/Accumulate (MAC)
–
On-Chip Programmable Phase-Locked
Operation
Loop (PLL) Clock Generator With External
Clock Source
• Compare, Select, and Store Unit (CSSU) for the
–
One 16-Bit Timer
Add/Compare Selection of the Viterbi Operator
–
Six-Channel Direct Memory Access (DMA)
• Exponent Encoder to Compute an Exponent
Controller
Value of a 40-Bit Accumulator Value in a
–
Three Multichannel Buffered Serial Ports
Single Cycle
(McBSPs)
• Two Address Generators With Eight Auxiliary
–
8/16-Bit Enhanced Parallel Host-Port
Registers and Two Auxiliary Register
Interface (HPI8/16)
Arithmetic Units (ARAUs)
• Power Consumption Control With IDLE1,
• Data Bus With a Bus Holder Feature
IDLE2, and IDLE3 Instructions With
• Extended Addressing Mode for 8M × 16-Bit
Power-Down Modes
Maximum Addressable External Program
• CLKOUT Off Control to Disable CLKOUT
Space
• On-Chip Scan-Based Emulation Logic, IEEE
• 128K x 16-Bit On-Chip RAM Composed of:
Std 1149.1 (JTAG) Boundary Scan Logic(1)
–
Eight Blocks of 8K
× 16-Bit On-Chip
• 144-Pin Ball Grid Array (BGA)(GGU Suffix)
Dual-Access Program/Data RAM
• 144-Pin Low-Profile Quad Flatpack
–
Eight Blocks of 8K
× 16-Bit On-Chip
(LQFP)(PGE Suffix)
Single-Access Program RAM
• 6.25-ns Single-Cycle Fixed-Point Instruction
• 16K × 16-Bit On-Chip ROM Configured for
Execution Time (160 MIPS)
Program Memory
• 8.33-ns Single-Cycle Fixed-Point Instruction
• Enhanced External Parallel Interface (XIO2)
Execution Time (120 MIPS)
• Single-Instruction-Repeat and Block-Repeat
• 3.3-V I/O Supply Voltage (160 and 120 MIPS)
Operations for Program Code
• 1.6-V Core Supply Voltage (160 MIPS)
• Block-Memory-Move Instructions for Better
Program and Data Management
• 1.5-V Core Supply Voltage (120 MIPS)
• Instructions With a 32-Bit Long Word Operand
• Instructions With Two- or Three-Operand
(1)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and
Reads
Boundary Scan Architecture
TMS320C54x, TMS320 are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com