Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD25 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PD25
Description  25W Dual Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD25 Datasheet(HTML) 2 Page - Astrodyne Corporation

  PD25 Datasheet HTML 1Page - Astrodyne Corporation PD25 Datasheet HTML 2Page - Astrodyne Corporation PD25 Datasheet HTML 3Page - Astrodyne Corporation PD25 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
25W Dual Output Switching Power Supply
PD25 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264VAC / 120-370 Volts(DC)
Frequency Range
47~63Hz
Inrush Current, typ: (cold start)
40 Amps
Input Current
0.65 Amps max @115VAC
0.40 Amps max @ 230VAC
Leakage current
< 0.5mAmps / 240VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
See Selection Chart
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
50mS / 230VAC
16mS / 115VAC
Setup, Rise Time @ FL
250mS, 50mS / 230VAC
250mS, 30mS / 115VAC
Over Temperature Protection
Tj 135°C typ. (U1) detect on main
conrol IC.
Shutdown o/p voltage, re-power
Over Voltage Protection
See Selection Chart
Hiccup mode, auto recover
Over Current Protection
Above 105% rated output power
Hiccup mode, auto recover
GENERAL SPECIFICATIONS
Safety
UL60950-1
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
75% typ.
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
10°C to +60°C (+70°C PD-2503)
See Derate Curves
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH
Temperature Coefficient
±0.03% / °C (0-50°C)
5Volts(DC)only: PD-25A/B/05/03
12Volts(DC)only: PD-2512
15Volts(DC)only: PD-2515
MTBF
507.9K Hrs MIL-HDBK-217F (25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
EMI (Note 3)
Compliance to EN55022 (CISPR22)
Class B
EMS (Note 3)
Compliance to EN61000-4-2,3,4,5
light industry level, criteria A
PHYSICAL SPECIFICATIONS
Size
Millimeters
107 x 61 x 28
Inches
4.2” x 2.40” x 1.10”
Weight
5.29 oz (150g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
3. The power supply is considered a component in the end application/
equipment. Since EMC performance will be affected by the completed
installation, the final equipment manufacturer must re-qualufy EMC to
desired directives.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com