Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD110 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PD110
Description  110W Dual Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD110 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PD110 Datasheet HTML 1Page - Astrodyne Corporation PD110 Datasheet HTML 2Page - Astrodyne Corporation PD110 Datasheet HTML 3Page - Astrodyne Corporation PD110 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
110W Dual Output Switching Power Supply
PD110 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
With power good LED
Protections: Short circuit / Overload / Over voltage
Fixed switching frequency at 45KHz
Cooling by free air convection
Model Number Output Volts Output Amps Ripple & Noise Line Reg Load Reg Efficiency Volt Tolerance Min Load
DUAL OUTPUT
PD-110A
5 Volts(DC)
5 Amps
100mVpk-pk
±1.0%
±1.0%
75%
±2.0%
0.5~5.0Amps
12 Volts(DC)
6.5 Amps
150mVpk-pk
±2.0%
±5.0%
75%
±6.0%
0.5~6.5Amps
PD-110B
5 Volts(DC)
5 Amps
100mVpk-pk
±1.0%
±1.0%
78%
±2.0%
0.5~5.0Amps
24 Volts(DC)
3.5 Amps
200mVpk-pk
±2.0%
±5.0%
78%
±6.0%
0.5~3.5Amps


Similar Part No. - PD110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD110 ETC-PD110 Datasheet
90Kb / 2P
DC/DC Converters
PD110-10 ETC-PD110-10 Datasheet
90Kb / 2P
DC/DC Converters
logo
Tumbler Technologies + ...
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
110 WATT DC TO DC CONVERTERS
logo
Powerbox
PD110-10 POWERBOX-PD110-10 Datasheet
1Mb / 4P
40-110 WATTS WIDE INPUT
logo
List of Unclassifed Man...
PD110-12 ETC-PD110-12 Datasheet
90Kb / 2P
DC/DC Converters
More results

Similar Description - PD110

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
120W Dual Output Switching Power Supply
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
35W Dual Output Switching Power Supply
logo
CUI INC
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
dual output switching power supply
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
120W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50 Datasheet
422Kb / 2P
50W Dual Output Switching Power Supply
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
45W Dual Output Switching Power Supply
PD-110 MEANWELL-PD-110 Datasheet
291Kb / 2P
110W Dual Output Switching Power Supply
PD-110 MEANWELL-PD-110_11 Datasheet
294Kb / 2P
110W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com