Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2383 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2383
Description  OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2383 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2383 Datasheet HTML 1Page - Texas Instruments TPS2383 Datasheet HTML 2Page - Texas Instruments TPS2383 Datasheet HTML 3Page - Texas Instruments TPS2383 Datasheet HTML 4Page - Texas Instruments TPS2383 Datasheet HTML 5Page - Texas Instruments TPS2383 Datasheet HTML 6Page - Texas Instruments TPS2383 Datasheet HTML 7Page - Texas Instruments TPS2383 Datasheet HTML 8Page - Texas Instruments TPS2383 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS2383
SLUS559B − APRIL 2003 − REVISED JULY 2004
OCTAL POWER SOURCING EQUIPMENT
POWER MANAGER
1
www.ti.com
FEATURES
D Compliant to Power Over Ethernet IEEE
802.3af Standard
D Two-Point 25-kΩ Resistor Discovery
D Capacitive Detection for Non-Compliant
Legacy Loads
D Power Classification
D Controlled di/dt Ramp Power-Up and
Power-Down for EMI Reduction
D Current Management for Charging Powered
Device Bulk Capacitance
D Electronic Circuit Breaker
D Fault detection
D Input Undervoltage Lockout (UVLO)
D Load Overcurrent and Undercurrent
Detection
D 12-Bit Port Current and Voltage Acquisition
D Standard Slave I2C Serial Interface
D 5-Bit Serial Address Selectability
D Discovery and/or Classification Bypass
Modes Selectable Via Register
D Opto-Coupler Compatible SDA and SCL
Lines for System Ground Isolation
D Dual Color LED Driver for Port Status
D Hardware FAULT Interrupt
D Single +48-V Supply Capable
APPLICATIONS
D PoE Switches
D Mid-Span Injectors
APPLICATION DIAGRAM
UDG−03061
P
N
G
RS
V48
GND
TPS2383
PSE
(1 Port)
+
PPTC Fuse
RG
MSP430
Controller
−
Optically Coupled
I2C Serial Bus
1
2
3
6
4
5
7
8
1
2
3
6
4
5
7
8
568A
568A
brn
w/brn
w/blue
blue
blue
brn
w/brn
w/blue
org
w/org
grn
w/grn
w/grn
org
w/org
grn
Up to 350 feet of category 5 cable
48−V
Supply
RJ−45
RJ−45
CT Choke
CT Choke
TX
RX
PD
Signature
PD
DC/DC
Supply
SWITCH/HUB
POWERED DTR
TX
RX
CT Choke
CT Choke
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1999 − 2004, Texas Instruments Incorporated


Similar Part No. - TPS2383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841 Datasheet
1Mb / 52P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI1-TPS23841 Datasheet
1Mb / 49P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1,014Kb / 45P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Similar Description - TPS2383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841_07 Datasheet
1Mb / 52P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
Micrel Semiconductor
MIC2358YLQ MICREL-MIC2358YLQ Datasheet
424Kb / 29P
IEEE 802.3af Octal Power Sourcing Equipment Controller
MIC2358 MICREL-MIC2358_11 Datasheet
424Kb / 29P
IEEE 802.3af Octal Power Sourcing Equipment Controller
logo
Texas Instruments
TPS2384 TI1-TPS2384_13 Datasheet
1Mb / 51P
QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
logo
Micrel Semiconductor
MIC2358 MICREL-MIC2358 Datasheet
424Kb / 29P
IEEE 802.3af Octal Power Sourcing Equipment Controller
logo
Texas Instruments
TPS23841 TI1-TPS23841_16 Datasheet
1Mb / 49P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
Octal Power Sourcing Equipment Controller
October 5, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com