Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1709 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1709
Description  Low Drive Power Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1709 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1709 Datasheet HTML 1Page - IXYS Corporation CPC1709 Datasheet HTML 2Page - IXYS Corporation CPC1709 Datasheet HTML 3Page - IXYS Corporation CPC1709 Datasheet HTML 4Page - IXYS Corporation CPC1709 Datasheet HTML 5Page - IXYS Corporation CPC1709 Datasheet HTML 6Page - IXYS Corporation CPC1709 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
R08
www.ixysic.com
4
CPC1709
3
Performance Data @ 25°C (Unless Otherwise Noted)
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
35
30
25
20
15
10
5
0
6.3
6.8
7.3
8.3
7.88.8
Typical Turn-On Time
(N=50, I
F=20mA, IL=1ADC)
Turn-On (ms)
0.18
0.22
0.26
0.16
0.20
0.24
25
20
15
10
5
0
Turn-Off (ms)
Typical Turn-Off Time
(N=50, I
F=20mA, IL=1ADC)
35
30
25
20
15
10
5
0
0.024
0.026
0.028
0.030
0.032
0.034
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC)
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, IL=1ADC)
LED Forward Voltage (V)
0
5
1015202530354045
55
50
45
40
35
30
25
15
10
5
0
50
60
20
LED Forward Current (mA)
Typical Turn-On Time
vs. LED Forward Current
(I
L=1ADC)
0
5
1015202530354045
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=20mA
I
F=10mA
-40
28
24
20
16
12
8
4
0
-20
0
20
40
60
80
100
Typical Turn-On Time vs. Temperature
(I
L=1ADC)
I
F=10mA
I
F=20mA
Temperature (ºC)
-40
0.29
0.27
0.25
0.23
0.21
0.19
0.17
0.15
-20
0
20
40
60
80
100
I
F=10mA
I
F=20mA
Temperature (ºC)
Typical Turn-Off Time vs. Temperature
(I
L=1ADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com