Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1708 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC1708
Description  Low Drive Power Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1708 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC1708 Datasheet HTML 1Page - IXYS Corporation CPC1708 Datasheet HTML 2Page - IXYS Corporation CPC1708 Datasheet HTML 3Page - IXYS Corporation CPC1708 Datasheet HTML 4Page - IXYS Corporation CPC1708 Datasheet HTML 5Page - IXYS Corporation CPC1708 Datasheet HTML 6Page - IXYS Corporation CPC1708 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
5
www.ixysic.com
R07
CPC1708
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
-40
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=1ADC)
-40
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.00
-20
0
20
40
60
80
100
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=max rated)
Temperature (ºC)
5.0
4.0
3.0
2.0
1.0
0.0
0
0.05
0.10
0.20
0.25
0.15
0.30
Load Voltage (V)
Typical Load Current vs. Load Voltage
(I
F=10mA)
020
40
60
80
100
0
5
10
15
20
25
10ºC/W
Free Air
5ºC/W
1ºC/W
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
Temperature (ºC)
-40
185
180
175
170
165
160
155
150
145
-20
0
20
40
60
80
100
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
At Maximum Rated Voltage
Measured Across Pins 1 & 2
Temperature (ºC)
35
30
25
20
15
10
5
1ms
10µs 100µs
100ms
10s
10ms
1s
100s
0
Energy Rating Curve
Free Air, No Heat Sink
Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com