Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC5621
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5621 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC5621 Datasheet HTML 9Page - IXYS Corporation CPC5621 Datasheet HTML 10Page - IXYS Corporation CPC5621 Datasheet HTML 11Page - IXYS Corporation CPC5621 Datasheet HTML 12Page - IXYS Corporation CPC5621 Datasheet HTML 13Page - IXYS Corporation CPC5621 Datasheet HTML 14Page - IXYS Corporation CPC5621 Datasheet HTML 15Page - IXYS Corporation CPC5621 Datasheet HTML 16Page - IXYS Corporation CPC5621 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
R05
www.ixysic.com
13
Figure 5. Differential and Single-ended Transmit Path Connections to LITELINK
3.4 Start-up Requirements
OH must be de-asserted (set logic high) once after
power-up for at least 50ms to transfer internal gain
trim values within LITELINK. This would be normal
operation in most applications. Failure to comply with
this requirement will result in transmission gain errors
and possibly distortion.
3.5 DC Characteristics
The CPC5620 and CPC5621 are designed for
worldwide application, including use under the
requirements of TBR-21. The ZDC, DCS1, and DCS2
pins control the VI slope characteristics of LITELINK.
Selecting appropriate resistor values for RZDC (R16)
and RDCS (R15) in the provided application circuits
assure compliance with DC requirements.
3.5.1 Setting a Current Limit
LITELINK includes a telephone line current limit
feature that is selectable by choosing the desired
value for RZDC (R16) using the following formula:
IXYS Integrated Circuits Division recommends using
8.2
 for R
ZDC for most applications, limiting
telephone line current to 130 mA.
Whether using the recommended value above or
when setting RZDC higher for a lower loop current limit
refer to the guidelines for FET thermal management
provided in AN-146, Guidelines for Effective
LITELINK Designs.
3.6 AC Characteristics
3.6.1 Resistive Termination Applications
North American and Japanese telephone line AC
termination requirements are met with a resistive 600
 AC termination. Receive termination is applied to
the LITELINK ZNT pin (pin 29) as a 301
 resistor,
RZNT (R10).
3.6.2 Reactive Termination Applications
Many countries use a single-pole complex impedance
to model the telephone network transmission line
characteristic impedance as shown in the table below.
Proper gain and termination impedance circuits for a
complex impedance requires the use of complex
network on ZNT as shown in the “Reactive Termination
Application Circuit Schematic” on page 8.
LITELINK
LITELINK
TXA1
TXA2
-
+
0.1
µf
Low-Voltage Side CODEC or
Transmit Circuit
Low-Voltage Side CODEC or
Transmit Circuit
TX-
TX+
TXA1
-
+
TX-
TX+
0.1
µf
0.1
µf
0.1
µf
ICLAmps
1V
RZDC
------------- 0.008A
+
=
Line Impedance Model
Australia
China
TBR 21
RS
220
200
270
RP
820
680
750
CP
120 nF
100 nF
150 nF
R
S
R
P
C
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com