Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620ATR Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC5620ATR
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620ATR Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC5620ATR Datasheet HTML 4Page - IXYS Corporation CPC5620ATR Datasheet HTML 5Page - IXYS Corporation CPC5620ATR Datasheet HTML 6Page - IXYS Corporation CPC5620ATR Datasheet HTML 7Page - IXYS Corporation CPC5620ATR Datasheet HTML 8Page - IXYS Corporation CPC5620ATR Datasheet HTML 9Page - IXYS Corporation CPC5620ATR Datasheet HTML 10Page - IXYS Corporation CPC5620ATR Datasheet HTML 11Page - IXYS Corporation CPC5620ATR Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
8
www.ixysic.com
R05
Figure 3. Reactive Termination Application Circuit Schematic
¹This design was tested and found to comply with FCC Part 68 with this
Sidactor. Other compliance requirements may require a different part.
²Higher-noise power supplies may require substitution of a 220
H inductor,
Toko 380HB-2215 or similar. See the Power Quality section of IXYS
Integrated Circuits Division application note AN-146, Guidelines for
Effective LITELINK Designs
for more information.
3RZDC sets the loop-current limit, see “Setting a Current Limit” on
page 13
. Also see IXYS Integrated Circuits Division’s application note
AN-146 for heat sinking recommendations for the CPC5602C FET.
4Use voltage ratings based on the isolation requirements of your
application.
+
-
OH
RING
TX+
RX+
TX-
RX-
3.3 or 5V
C13
C14
C2
C4
R1
(RTX)
80.6K
R23 2
10
BR-
BR-
BR-
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
GND
RX-
RX+
SNP+
SNP-
RXF
RX
MODE
OH
RING
REFL
TXF
ZTX
ZNT
TXSL
BR-
NTS
GAT
NTF
DCS1
DCS2
ZDC
BR-
RPB
RXS
VDDL
DB1
SP1 1
BR-
BR-
A
A
A
C9
0.1μ
C16
10μ
FB1
600 Ω
200 mA
C1
1μ
(RTXF)
60.4K
5%
(RHTF)
200K
R13
(RNTS)
1M
5%
C10
0.01μ
500V
R15
1.69M
R20
2
6.49M
(RDCS1A)
6.49M
(CDCS)
0.027μ
(RRXF)
130K
R3
1.5M
C7
(CSNP-)
4
220p
C8
220p
(RSNP-2)
1.8M
1.8M
1.8M
1.8M
R4
68.1
BR-
NOTE: Unless otherwise noted:
Resistor values are in Ohms
All resistors are 1%.
Capacitor values are in Farads.
R14
(RGAT)
47
Q1
CPC5602C
(CGAT)
(RZDC)
3
8.2
R10
59
R18
10K
R11
169
C20
(CZNT)
0.68μ
R12
221K
(RNTF)
BR-
BR-
C15
0.01μ
500V
200K
(RNTX)
110K
0.1μ
0.1μ
0.1μ
0.1μ
R16
R8
R5
R75
BR-
C21
100p
R76
R22
R21
C12
R6
R44
R7
R45
(RSNP-1)
(RSNP+2)
(RSNP+1)
(RSNPD)
(RDCS1B)
(RHTX)
(RZNT1)
(RZTX)
(RPB)
(RZNT2)
(RDCS2)
(RVDDL)
BR-
(CSNP+)
4
R2
CID
CID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com