Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712U Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC5712U
Description  Minimum External Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5712U Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC5712U Datasheet HTML 3Page - IXYS Corporation CPC5712U Datasheet HTML 4Page - IXYS Corporation CPC5712U Datasheet HTML 5Page - IXYS Corporation CPC5712U Datasheet HTML 6Page - IXYS Corporation CPC5712U Datasheet HTML 7Page - IXYS Corporation CPC5712U Datasheet HTML 8Page - IXYS Corporation CPC5712U Datasheet HTML 9Page - IXYS Corporation CPC5712U Datasheet HTML 10Page - IXYS Corporation CPC5712U Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5712
R02
www.ixysic.com
9
3.3.2 Verify Resistor Selection
Once the resistor values are chosen it is necessary to
back calculate the nominal detector thresholds.
To do this the following equations are provided for two
variables:
where Ris the sum of the resistive interface network
and RREF is the sum of the resistor divider network on
the reference voltage output.
The following values are also needed to perform the
threshold calculations. They are:
• V
REF = 1.5V
• R
IN1 = RIN2 = 2 x 10M = 20M
• R
DIFF = 806k
• G=2.5 (Single ended gain of input amplifier)
which gives:
• R= 40.806M
and
• R
REF = 270.1k
The threshold equations are:
1.
2.
3.
4.
Using the selected standard 1% resistor values, and
back calculating to the threshold voltages produces
these results:
• V
L1 = 3.00280V
• V
H1 = 5.00467V
• V
L2 = 11.9662V
• V
H2 = 14.9690V
As can be seen, the error from using standard value
resistors is less than 0.1% for VL1 and VH1 and is less
than 0.3% for VL2 and VH2.
3.4 High Voltage Detection Designs
Designs that require higher detection levels greater
than approximately 17V will necessitate a different
voltage divider ratio to accommodate the operational
range of the CPC5712’s internal circuitry. Changes to
the input resistor divider network are restricted to the
high impedance resistors from the tip and ring leads to
the IN+ and IN- inputs. Changing the differential input
resistor value from 806k
 is not recommended as this
will introduce offset errors. The degree of offset error
caused by changing this component’s value is not
measured and therefore not calculable.
The design procedure for higher voltage detect levels
is the same as presented above. Remember to begin
with the equations shown in Section 2.5 “Detector
Threshold Operation” on page 6 and use the
updated value for the “A” term based on the new input
resistor values.
R
RIN1 RIN2 RDIFF
++
=
RREF
R1 R2 R3 R4 R5
++++
=
VL1
VREF RR1

GRDIFF RREF

----------------------------------------
=
VH1
VREF RR1 R2
+


GRDIFF RREF

-----------------------------------------------------
=
VL2
VREF RR1 R2 R3
++


GRDIFF RREF

------------------------------------------------------------------
=
VH2
VREF RR1 R2 R3 R4
+++


GRDIFF RREF

--------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com