Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621ATR Datasheet(PDF) 16 Page - IXYS Corporation

Part # CPC5621ATR
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5621ATR Datasheet(HTML) 16 Page - IXYS Corporation

Back Button CPC5621ATR Datasheet HTML 10Page - IXYS Corporation CPC5621ATR Datasheet HTML 11Page - IXYS Corporation CPC5621ATR Datasheet HTML 12Page - IXYS Corporation CPC5621ATR Datasheet HTML 13Page - IXYS Corporation CPC5621ATR Datasheet HTML 14Page - IXYS Corporation CPC5621ATR Datasheet HTML 15Page - IXYS Corporation CPC5621ATR Datasheet HTML 16Page - IXYS Corporation CPC5621ATR Datasheet HTML 17Page - IXYS Corporation CPC5621ATR Datasheet HTML 18Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
16
www.ixysic.com
R05
Figure 12.Snoop Circuit Frequency Response
Figure 13.Snoop Circuit THD + N
Figure 14.Snoop Circuit Common Mode
Rejection
-25
-20
-15
-10
-5
0
5
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (Hz)
Gain (dBm )
Hz
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
+0
-30
-20
-10
-40
-50
-60
-70
-80
-90
-100
-110
+0
-2.5
-5
-7.5
-10
-12.5
-15
-17.5
-20
-22.5
-25
-27.5
-30
-32.5
-35
-37.5
-40
-42.5
-45
-47.5
-50
-52.5
-55
-57.5
-60
CMRR
(dBm)
50
20
100
200
500
1K
2K
4K
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com