Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7592BA Datasheet(PDF) 15 Page - IXYS Corporation

Part # CPC7592BA
Description  Eliminates the need for zero cross switching
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7592BA Datasheet(HTML) 15 Page - IXYS Corporation

Back Button CPC7592BA Datasheet HTML 11Page - IXYS Corporation CPC7592BA Datasheet HTML 12Page - IXYS Corporation CPC7592BA Datasheet HTML 13Page - IXYS Corporation CPC7592BA Datasheet HTML 14Page - IXYS Corporation CPC7592BA Datasheet HTML 15Page - IXYS Corporation CPC7592BA Datasheet HTML 16Page - IXYS Corporation CPC7592BA Datasheet HTML 17Page - IXYS Corporation CPC7592BA Datasheet HTML 18Page - IXYS Corporation CPC7592BA Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7592
R04
www.ixysic.com
15
Forcing TSD to a logic high disables the thermal
shutdown circuit and is therefore not recommended as
this could lead to device damage or destruction in the
presence of excessive tip or ring potentials.
Break-Before-Make Ringing to Talk Transition Logic Sequence for all Versions
2.4 Data Latch
The CPC7592 has an integrated transparent data
latch. The latch enable operation is controlled by TTL
logic input levels at the LATCH pin. Data input to the
latch is via the input pins INRINGING and INTEST while
the output of the data latch are internal nodes used for
state control. When the LATCH enable control pin is at
a logic 0 the data latch is transparent and the input
control signals flow directly through the data latch to
the state control circuitry. A change in input will be
reflected by a change in the switch state.
Whenever the LATCH enable control pin is at logic 1,
the data latch is active and data is locked. Subsequent
changes to the input controls INRINGING and INTEST
will not result in a change to the control logic or affect
the existing switch state.
The switches will remain in the state they were in
when the LATCH changes from logic 0 to logic 1 and
will not respond to changes in input as long as the
LATCH is at logic 1. However, neither the TSD input
nor the TSD output control functions are affected by
the latch function. Since internal thermal shutdown
control and external “All-off” control is not affected by
the state of the LATCH enable input, TSD will override
state control.
2.5 TSD Pin Description
The TSD pin is a bi-directional I/O structure with an
internal pull-up current source with a nominal value of
16
A biased from V
DD. As an output, this pin
indicates the status of the thermal shutdown circuitry.
Typically, during normal operation, this pin will be
pulled up to VDD but under fault conditions that create
excess thermal loading the CPC7592 will enter
thermal shutdown and a logic low will be output.
As an input, the TSD pin is utilized to place the
CPC7592 into the “All-Off” state by simply pulling the
input low. For applications using low-voltage logic
devices (lower than VDD), IXYS IC Division
recommends the use of an open-collector or an
open-drain type output to control TSD. This avoids
sinking the TSD pull up bias current to ground during
normal operation when the all-off state is not required.
In general, IXYS IC Division recommends all
applications use an open-collector or open-drain type
device to drive this pin.
Setting TSD to a logic 1 or tying this pin to VCC allows
switch control using the logic inputs. This setting,
however, also disables the thermal shutdown circuit
and is therefore not recommended. As a result the
TSD pin has two recommended operating states when
it is used as an input control. A logic 0, which forces
State
INRINGING
INTEST
LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
Z
-
Off
On
On
Off
All-Off
1
0
X0
Hold this state for at least one-half of the
ringing cycle. SW4 waiting for zero current to
turn off.
Off
Off
On
Off
Break-
Before-
Make
0
0
SW4 has opened
Off
Off
Off
Off
Talk
0
0
0
Z
Close Break Switches
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com