Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX21844
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX21844 Datasheet HTML 4Page - IXYS Corporation IX21844 Datasheet HTML 5Page - IXYS Corporation IX21844 Datasheet HTML 6Page - IXYS Corporation IX21844 Datasheet HTML 7Page - IXYS Corporation IX21844 Datasheet HTML 8Page - IXYS Corporation IX21844 Datasheet HTML 9Page - IXYS Corporation IX21844 Datasheet HTML 10Page - IXYS Corporation IX21844 Datasheet HTML 11Page - IXYS Corporation IX21844 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R01
IX21844
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
SD Input Positive Going Threshold
vs. V
BIAS Supply Voltage
Temperature (ºC)
0
50
100
150
200
250
300
350
400
SD Propagation Delay
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Temperature (ºC)
0
1
2
3
4
5
SD Input Positive Going Threshold
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Temperature (ºC)
0
1
2
3
4
5
SD Input Negative Going Threshold
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
SD Input Negative Going Threshold
vs. V
BIAS Supply Voltage
Temperature (ºC)
V
CC and VBS Undervoltage Threshold (-)
vs. Temperature
-50
0
50
100
150
-25
25
75
125
0
3
6
9
12
15
Supply Voltage (V)
10
12
14
16
18
20
0
50
100
150
200
250
V
BS Floating Supply Current
vs. V
BS Floating Supply Voltage
Temperature (ºC)
0
3
6
9
12
15
V
CC and VBS Undervoltage Threshold (+)
vs Temperature
-50
0
50
100
150
-25
25
75
125
Temperature (ºC)
0
50
100
150
200
250
V
BS Supply Current
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Temperature (ºC)
0
1
2
3
4
5
V
CC Supply Current
vs. Temperature
(V
CC=15V)
-50
0
50
100
150
-25
25
75
125
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
V
CC Supply Current
vs. V
CC Supply Voltage
Temperature (ºC)
0
25
50
75
100
Offset Supply Leakage Current
vs. Temperature
-50
0
50
100
150
-25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com