Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7592BC Datasheet(PDF) 14 Page - IXYS Corporation

Part # CPC7592BC
Description  Eliminates the need for zero cross switching
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7592BC Datasheet(HTML) 14 Page - IXYS Corporation

Back Button CPC7592BC Datasheet HTML 10Page - IXYS Corporation CPC7592BC Datasheet HTML 11Page - IXYS Corporation CPC7592BC Datasheet HTML 12Page - IXYS Corporation CPC7592BC Datasheet HTML 13Page - IXYS Corporation CPC7592BC Datasheet HTML 14Page - IXYS Corporation CPC7592BC Datasheet HTML 15Page - IXYS Corporation CPC7592BC Datasheet HTML 16Page - IXYS Corporation CPC7592BC Datasheet HTML 17Page - IXYS Corporation CPC7592BC Datasheet HTML 18Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
14
www.ixysic.com
R04
CPC7592
Break-before-make operation occurs when the ringing
switches open before the break switches SW1 and
SW2 close.
Break-Before-Make Ringing to Talk Transition Logic Sequence CPC7592xA/B
2.3.5 Break-Before-Make Operation - All Versions
The second break-before-make method for the
CPC7592xA/B is also the only method available for
the CPC7592xC. As shown in “CPC7592xA and
CPC7592xB Truth Table” on page 10 and “CPC7592xC Truth
Table” on page 10, the bi-directional TSD interface
disables all of the CPC7592 switches when pulled to a
logic low. Although logically disabled, an active
(closed) ringing switch (SW4) will remain closed until
the next zero crossing current event.
As shown in the table “Break-Before-Make Ringing to Talk
Transition Logic Sequence for all Versions” on page 15, this
operation is similar to the one shown in
“Break-Before-Make Operation - All Versions” on page 14,
except in the method used to select the all off state,
and in when the INRINGING and INTEST inputs are
reconfigured for the talk state.
1.
Pull TSD to a logic low to end the ringing state.
This opens the ringing return switch (SW3) and
prevents any other switches from closing.
2.
Keep TSD low for at least one-half the duration of
the ringing cycle period to allow sufficient time for
a zero crossing current event to occur and for the
circuit to enter the break-before-make state.
3.
During the TSD low period, set the INRINGING and
INTEST inputs to the talk state (0, 0).
4.
Release TSD, allowing the internal pull-up to
activate the break switches.
When using TSD as an input, the two recommended
states are “0” which overrides the logic input pins and
forces an all off state and “Z” which allows normal
switch control via the logic input pins. This requires the
use of an open-collector or open-drain type buffer.
State
INRINGING
INTEST
LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0Z
-Off
On
On
Off
All-Off
1
1
Hold this state for at least one-half of the
ringing cycle. SW4 waiting for zero current to
turn off.
Off
Off
On
Off
Break-
Before-
Make
11
Zero current has occurred.
SW4 has opened
Off
Off
Off
Off
Talk
0
0
Break switches close.
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com