Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C2811PBKA Datasheet(PDF) 97 Page - Texas Instruments

Part # TMX320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C2811PBKA Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMX320C2811PBKA Datasheet HTML 93Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 94Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 95Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 96Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 97Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 98Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 99Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 100Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 147 page
background image
Electrical Specifications
97
June 2004
SPRS257
6.15 Low-Power Mode Wakeup Timing
Table 6−9 is also the IDLE Mode Wake-Up Timing Requirements table.
Table 6−9. IDLE Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Pulse duration, external wake-up
Without input qualifier
2*tc(SCO)
Cycles
tw(WAKE-INT)
Pulse duration, external wake-up
signal
With input qualifier
1*tc(SCO) + IQT†
Cycles
t
Delay time, external wake signal to
program execution resume‡
td(WAKE-IDLE)
− Wake-up from SARAM
Without input qualifier
8 * tc(SCO)
Cycles
− Wake-up from SARAM
With input qualifier
8 * tc(SCO) + IQT†
Cycles
† Input Qualification Time (IQT) = [5 x QUALPRD x 2] * tc(SCO)
‡ This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the
wake-up) signal involves additional latency.
WAKE INT‡
XCLKOUT†
A0−A15
td(WAKE−IDLE)
† XCLKOUT = SYSCLKOUT
‡ WAKE INT can be any enabled interrupt, WDINT, XNMI, or XRS.
tw(WAKE−INT)
Figure 6−10. IDLE Entry and Exit Timing
Table 6−10 is also the STANDBY Mode Wake-Up Timing Requirements table.
Table 6−10. STANDBY Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(IDLE-XCOH)
Delay time, IDLE instruction
executed to XCLKOUT high
32 * tc(SCO)
12 * tc(CI)
Cycles
t
Pulse duration, external
Without input qualifier
12 * tc(CI)
Cycles
tw(WAKE-INT)
Pulse duration, external
wake-up signal
With input qualifier
(2 + QUALSTDBY)† * tc(CI)
Cycles
td(WAKE-STBY)
Delay time, external wake
signal to program execution
resume‡
td(WAKE-STBY)
− Wake-up from SARAM
Without input qualifier
12 * tc(CI)
Cycles
− Wake-up from SARAM
With input qualifier
12 * tc(CI) + tw(WAKE-INT)
Cycles
† QUALSTDBY is a 6-bit field in the LPMCR0 register.
‡ This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the
wake-up) signal involves additional latency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com