Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1006LCWM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1006LCWM
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1006LCWM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DAC1006LCWM Datasheet HTML 13Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 14Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 15Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 16Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 17Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 18Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 19Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 20Page - National Semiconductor (TI) DAC1006LCWM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
70 MICROPROCESSOR INTERFACE
The logic functions of the DAC1006 family have been ori-
ented towards an ease of interface with all popular mPs The
following sections discuss in detail a few useful interface
schemes
71 DAC100112 to INS8080A Interface
Figure 18 illustrates the simplicity of interfacing the
DAC1006 to an INS8080A based microprocessor system
The circuit will perform an automatic transfer of the 10 bits
of output data from the CPU to the DAC register as outlined
in Section 621 ‘‘Controlling Data Transfer for an 8-Bit Data
Bus’’
Since a double byte write is necessary to control the DAC
with the INS8080A a possible instruction to achieve this is a
PUSH of a register pair onto a ‘‘stack’’ in memory The 16-
bit register pair word will contain the 10 bits of the eventual
DAC input data in the proper sequence to conform to both
TLH5688 – 24
NOTE DOUBLE BYTE STORES CAN BE USED
eg THE INSTRUCTION SHLD F001 STORES THE L
REG INTO B1 AND THE H REG INTO B2 AND
TRANSFERS THE RESULT TO THE DAC REGISTER
THE OPERAND OF THE SHLD INSTRUCTION MUST
BE AN ODD ADDRESS FOR PROPER TRANSFER
FIGURE 18 Interfacing the DAC1000 to the INS8080A CPU Group
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com