Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1208LCJ Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1208LCJ
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1208LCJ Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DAC1208LCJ Datasheet HTML 9Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 10Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 11Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 12Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 13Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 14Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 15Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 16Page - National Semiconductor (TI) DAC1208LCJ Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Hints (Continued)
Transient response and settling time of the op amp are im-
portant in fast data throughput applications The largest sta-
bility problem is the feedback pole created by the feedback
resistance RFb and the output capacitance of the DAC
This appears from the op amp output to the (b) input and
includes the stray capacitance at this node Addition of a
lead capacitance CC in Figure 9 greatly reduces overshoot
and ringing at the output for a step change in DAC output
current
211 Zero and Full-Scale Adjustments
For accurate conversions the input offset voltage of the
output amplifier must always be nulled Amplifier offset er-
rors create an overall degradation of DAC linearity
The fundamental purpose of zeroing is to make the voltage
appearing at the DAC outputs as near 0 VDC as possible
This is accomplished by shorting out RFb the amplifier feed-
back resistor and adjusting the vOS nulling potentiometer of
the op amp until the output reads zero volts This is done of
course with an applied digital code of all zeros if IOUT1 is
driving the op amp (all ones for IOUT2) The short around
RFb is then removed and the converter is zero adjusted
A unique feature of this series of DACs is that the full-scale
or gain error is guaranteed to be negative The gain error
specification is a measure of how close the value of the
internal feedback resistor RFb matches the R-2R ladder
resistors A negative gain error indicates that RFb is a small-
er resistance value than it should be To adjust this gain
error some resistance must always be added in series with
RFb The 50X potentiometer shown is sufficient to adjust
the worst-case gain error for these devices
22 Bipolar Output Voltage from a Fixed Reference
The addition of a second op amp to the unipolar circuit can
generate a bipolar output voltage from a fixed reference
voltage This in effect gives sign significance to the MSB of
the digital input word to allow two quadrant multiplication of
the reference voltage The polarity of the reference can also
be reversed to realize full 4-quadrant multiplication This cir-
cuit is shown in
Figure 10
This configuration features several improvements over ex-
isting circuits for a bipolar output shown with other multiply-
ing DACs Only the offset voltage of amplifier 1 affects the
linearity of the DAC The offset voltage error of the second
op amp (although a constant output error) has no effect on
linearity In addition this configuration offers a non-interac-
tive positive and negative full-scale calibration procedure
TLH5690-16
VOUT e VREF
Db2048
2048
J
for 0 s D s 4095
1 LSB e l
VREF
l
2048
Input Code
Ideal VOUT
MSBLSB
a
VREF
b
VREF
111111111111
VREF b1 LSB
b
lVREFl a1 LSB
110000000000
VREF 2
b
lVREFl 2
100000000000
0
0
011111111111
b
1 LSB
a
1 LSB
001111111111
b
VREF
2
b
1 LSB
lVREFl
2
a
1 LSB
000000000000
b
VREF
a
lVREFl
FIGURE 10 Bipolar Output Voltage Configuration
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com