Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB04A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTB04A
Description  With TO-220AB non insulated package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTB04A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTB04A Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Triacs
BTB04 T/D/S/A
FEATURES
·
With TO-220AB non insulated package
·
Suitables for general purpose applications where gate high sensitivity is
required. Application on 4Q such as phase control and static switching.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
IT(RMS)
RMS on-state current (full sine wave)Tj=95℃
4
A
ITSM
Non-repetitive peak on-state current tp=10ms
40
A
Tj
Operating junction temperature
110
℃
Tstg
Storage temperature
-45~150
℃
Rth(j-c)
Thermal resistance, junction to case
3.2
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
℃
/W
SYMBOL
PARAMETER
400T/D/S/A
600T/D/S/A
700T/D/S/A
UNIT
VDRM
Repetitive peak off-state voltage
400
600
700
V
VRRM
Repetitive peak reverse voltage
400
600
700
V
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110℃
0.01
0.5
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110℃
0.01
0.5
mA
IGT
Gate trigger current
Ⅰ
-Ⅱ-Ⅲ
VD=12V; RL= 33Ω
T
D
S
A
mA
5
5
10
10
Ⅳ
5
10
10
25
IH
Holding current
IGT= 0.1A, Gate Open
15
15
25
25
mA
VGT
Gate trigger voltage all quadrant
VD=12V; RL= 30Ω
1.5
V
VTM
On-state voltage
IT= 5A
1.65
V


Similar Part No. - BTB04A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04A STMICROELECTRONICS-BTB04A Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
BTB04A STMICROELECTRONICS-BTB04A Datasheet
438Kb / 6P
SENSITIVE GATE TRIACS
Sep-2001
logo
Unisonic Technologies
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
SENSITIVE GATE TRIACS
BTB04AG-9-SW-TA3-T UTC-BTB04AG-9-SW-TA3-T Datasheet
134Kb / 3P
SENSITIVE GATE TRIACS
BTB04AG-9-SW-TM3-T UTC-BTB04AG-9-SW-TM3-T Datasheet
143Kb / 3P
SENSITIVE GATE TRIACS
More results

Similar Description - BTB04A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTB06-600A ISC-BTB06-600A Datasheet
116Kb / 1P
With TO-220AB non insulated package
BTB08-600CW ISC-BTB08-600CW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB10-600B ISC-BTB10-600B Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB10-600BW ISC-BTB10-600BW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB10-600C ISC-BTB10-600C Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600B ISC-BTB12-600B Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600C ISC-BTB12-600C Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600CW ISC-BTB12-600CW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600SW ISC-BTB12-600SW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600TW ISC-BTB12-600TW Datasheet
107Kb / 1P
With TO-220AB non insulated package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com