Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC76J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC76J
Description  Dual J-K Flip-Flops with Preset and Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC76J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC76J Datasheet HTML 1Page - National Semiconductor (TI) MM54HC76J Datasheet HTML 2Page - National Semiconductor (TI) MM54HC76J Datasheet HTML 3Page - National Semiconductor (TI) MM54HC76J Datasheet HTML 4Page - National Semiconductor (TI) MM54HC76J Datasheet HTML 5Page - National Semiconductor (TI) MM54HC76J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5074
January 1988
MM54HC76MM74HC76 Dual J-K Flip-Flops
with Preset and Clear
General Description
These high speed (30 MHz minimum) J-K Flip-Flops utilize
advanced silicon-gate CMOS technology to achieve the low
power consumption and high noise immunity of standard
CMOS integrated circuits along with the ability to drive 10
LS-TTL loads
Each flip-flop has independent J K PRESET CLEAR and
CLOCK inputs and Q and Q outputs These devices are
edge sensitive to the clock input and change state on the
negative going transition of the clock pulse Clear and pre-
set are independent of the clock and accomplished by a low
logic level on the corresponding input
The 54HC74HC logic family is functionally as well as pin-
out compatible with the standard 54LS74LS logic family
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 16 ns
Y
Wide operating voltage range
Y
Low input current 1 mA maximum
Y
Low quiescent current 40 mA maximum (74HC Series)
Y
High output drive 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5074 – 1
Top View
Order Number MM54HC76 or MM74HC76
Truth Table
Inputs
Outputs
PR
CLR
CLK
J
L
Q
Q
LH
X
X
X
H
L
HL
X
X
X
L
H
LL
X
X
X
L
L
HH
v
L
L
Q0
Q0
HH
v
HL
H
L
HH
v
LH
L
H
HH
v
H
H
TOGGLE
HH
H
X
X
Q0
Q0
This is an unstable condition and is not guaranteed
TLF5074 – 2
(1 of 2)
TLF5074 – 3
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC76J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
MM54HC7266J NSC-MM54HC7266J Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
MM54HC73J NSC-MM54HC73J Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
MM54HC74A NSC-MM54HC74A Datasheet
114Kb / 4P
Dual D Flip-Flop with Preset and Clear
More results

Similar Description - MM54HC76J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
Dual J-K Flip-Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
Dual J-K Flip-Flops with Clear and Preset
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com