Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1218 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1218
Description  12-Bit Binary Multiplying D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1218 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC1218 Datasheet HTML 1Page - National Semiconductor (TI) DAC1218 Datasheet HTML 2Page - National Semiconductor (TI) DAC1218 Datasheet HTML 3Page - National Semiconductor (TI) DAC1218 Datasheet HTML 4Page - National Semiconductor (TI) DAC1218 Datasheet HTML 5Page - National Semiconductor (TI) DAC1218 Datasheet HTML 6Page - National Semiconductor (TI) DAC1218 Datasheet HTML 7Page - National Semiconductor (TI) DAC1218 Datasheet HTML 8Page - National Semiconductor (TI) DAC1218 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)17 VDC
Voltage at Any Digital Input
VCC to GND
Voltage at VREF Input
g
25V
Storage Temperature Range
b
65 Cto a150 C
Package Dissipation at TAe25 C (Note 3)
500 mW
DC Voltage Applied to IOUT1 or IOUT2
b
100 mV to VCC
(Note 4)
Lead Temp (Soldering 10 seconds)
300 C
ESD Susceptibility (Note 11)
800V
Operating Conditions
Temperature Range
TMIN s TA s TMAX
DAC1218LCJ DAC1219LCJ
b
40 C s TA s a85 C
DAC1218LCJ-1
0 C s TA s 70 C
Range of VCC
5VDC to 16 VDC
Voltage at Any Digital Input
VCC to GND
Electrical Characteristics
VREF e 10000 VDC VCC e 114 VDC to 1575 VDC unless otherwise noted Boldface limits apply from TMIN to TMAX (see
Note 9)
all other limits TA e TJ e 25 C
Typ
Tested
Design
Parameter
Conditions
Notes
(Note 10)
Limit
Limit
Units
(Note 11)
(Note 12)
Resolution
12
12
12
Bits
Linearity Error
Zero and Full-Scale
4 5 9
(End Point Linearity)
Adjusted
DAC1218
g
0018
g
0018
%ofFSR
DAC1219
g
0024
g
0024
%ofFSR
Differential Non-Linearity
Zero and Full-Scale
4 5 9
Adjusted
DAC1218
g
0018
g
0018
%ofFSR
DAC1219
g
0024
g
0024
%ofFSR
Monotonicity
4
12
12
12
Bits
Gain Error (Min)
Using Internal RFb
5
b
01
00
% of FSR
Gain Error (Max)
VREF e g10V g1V
5
b
01
b
02
% of FSR
Gain Error Tempco
5
g
13
g
60
ppm of FS C
Power Supply Rejection
All Digital Inputs High
5
g
30
g
30
ppm of FSRV
Reference Input Resistance
(Min)
9
15
10
10
kX
(Max)
9
15
20
20
kX
Output Feedthrough Error
VREFe120 Vp-p fe100 kHz
6
30
mVp-p
All Data Inputs Low
Output Capacitance
All Data Inputs
IOUT1
200
pF
High
IOUT2
70
pF
All Data Inputs
IOUT1
70
pF
Low
IOUT2
200
pF
Supply Current Drain
9
20
25
mA
Output Leakage Current
7 9
IOUT1
All Data Inputs Low
10
10
nA
IOUT2
All Data Inputs High
10
10
nA
Digital Input Threshold
Low Threshold
9
08
08
VDC
High Threshold
22
22
VDC
Digital Input Currents
Digital Inputs k08V
9
b
200
b
200
m
ADC
Digital Inputs l22V
10
10
m
ADC
ts Current Settling Time
RL e 100X Output Settled
to 001% All Digital Inputs
1
m
s
Switched Simultaneously
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com