Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29468 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HD29468
Description  Triple Line Drivers / Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29468 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HD29468 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
HD29468
Item
Supply Voltage
Driver Output Voltage
Receiver Input Voltage
Driver Input Voltage
Ratings
+7
Unit
V
V
V
V
Symbol
VCC
VID
VOD
VIR
Notes: 1. The above data were taken by the
∆VBE method,mounting on a glass epoxy board
(40
× 40 × 1.6 mm) of 10 % wiring density.
2. The absolute maximum ratings are values which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
Operating Temperature
Storage Temperature
0 to +75
–65 to +150
°C
°C
Ta
Tstg
–0.5 to +7
–0.5 to +7
–0.5 to +7
Recommended Operating Conditions
Item
Supply Voltage
Operating Temperature
Symbol
VCC
Ta
Min
4.75
0
Typ
5.00
Max
5.25
75
Unit
V
°C
Power Dissipation (Ta = 25
°C)
DP
FP
1000
785
mW
*1
HD29468



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com