Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1007LCN Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1007LCN
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1007LCN Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DAC1007LCN Datasheet HTML 10Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 11Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 12Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 13Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 14Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 15Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 16Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 17Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
These data possibilities are shown in
Figure 15 Note that
the justification of data depends on how the 10-bit data
word is located within the 16-bit data source (CPU) register
In either case there is a surplus of 6 bits and these are
shown as ‘‘don’t care’’ terms (‘‘c’’) in this figure
All of these DACs load 10 bits on the 1st write cycle A
particular set of 2 bits is then overwritten on the 2nd write
cycle depending on the justification of the data For all left
justified data options the 1st write cycle must contain the
MS or Hi Byte data group
611 For Left Justified Data
For applications which require left justified data DAC1006 –
1008 can be used A simplified logic diagram which shows
the external connections to the data bus and the internal
functions of both of the data buffer registers (Input Latch
and DAC Register) is shown in
Figure 16
These
parts require the MS or Hi Byte data group to be transferred
on the 1st write cycle
62 Controlling Data Transfer for an 8-Bit Data Bus
Three operating modes are possible for controlling the
transfer of data from the Input Latch to the DAC Register
where it will update the analog output voltage The simplest
is the automatic transfer mode which causes the data
transfer to occur at the time of the 2nd write cycle This is
recommended when the exact timing of the changes of the
DAC analog output are not critical This typically happens
where each DAC is operating individually in a system and
the analog updating of one DAC is not required to be syn-
chronized to any other DAC For synchronized DAC updat-
ing two options are provided mP control via a common
XFER strobe or external update timing control via an exter-
nal strobe The details of these options are now shown
DAC100610071008 (20-Pin Parts for Left Justified Data)
TLH5688 – 16
FIGURE 15 Fitting a 10-Bit Data Word into 16 Available Bit Locations
TLH5688 – 17
FIGURE 16 Input Connections and Controls for DAC100610071008 Left Justified Data
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com