Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2051-09-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2051-09-SM-RPLF
Description  Gas Discharge Tube Surge Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2051-09-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2051-09-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2051-09-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2051 Series Gas Discharge Tube Surge Protector
Product Dimensions
How to Order
2051 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
09 = 90 V
35 = 350 V
15 = 150 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
30 = 300 V
60 = 600 V
Surface Mount
Packaging
RP = Reelpack (2,500 pieces per reel)
RoHS Compliancy
LF = RoHS Compliant Product
Recommended Pad Layout
Packaging Specifications
The Model 2051-xx-SM ships standard reelpack (-RP),
2500 pieces per reel. Reel is 330 mm in diameter and 14 mm
wide.
REV. D 07/15
4.5 ± 0.3
(0.177 ± 0.012)
3.2 ± 0.3
(0.126 ± 0.012)
0.5 ± 0.1
(0.020 ± 0.004)
2.7 ± 0.3
(0.106 ± 0.012)
3.0
(0.118)
4.2
(0.165)
1.5
(0.059)
DIMENSIONS:
MM
(INCHES)
1.55 ± 0.05
(0.061 ± 0.002)
4.0 ± 0.1
(0.157 ± 0.004)
0.4 ± 0.1
(0.016 ± 0.004)
12.0 ± 0.3
(0.472 ± 0.012)
1.75 ± 0.1
(0.069 ± 0.004)
DIA.
5.45 ± 0.1
(0.215 ± 0.004)
3.1 ± 0.1
(0.122 ± 0.004)
8.0 ± 0.1
(0.315 ± 0.004)
330
(12.992)
DIA.
1.5
(0.059)
MIN.
TYP.
TYP.
100.0
(3.937)
14.0
(0.551)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com