Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2051-20-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2051-20-SM-RPLF
Description  Gas Discharge Tube Surge Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2051-20-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2051-20-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2051-20-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Compact size
■ Low capacitance
■ Performance stability over life
■ High insulation resistance
■ RoHS compliant*
■
UL Recognized
Applications
■ MDC / PCI modems
■ Splitters
■ Telecom CPE
■ Datacom
Characteristics
2051 Series Gas Discharge Tube Surge Protector
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12 and IEEE C62.31
Insulation Resistance (IR) ............................... 50 / 100 Vdc ......................................................> 1G Ω
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... 1 A.....................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 1 A
Capacitance..................................................... 1 MHz ...............................................................< 1 pF
Impulse Discharge Current.............................. 2000 A, 8/20 µs.................................................10 operations
100 A, 8/20 µs...................................................300 operations
10 A, 10/1000 µs...............................................100 operations
Alternating Discharge Current ......................... 2 A, 50 Hz, 1 sec...............................................10 operations
Operating & Storage Temperature..............................................................................................-40 to +125 °C
Climatic Category (IEC 60068-1)................................................................................................40 / 90 / 21
Notes:
• UL Recognized component, UL File E153537.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
Characteristic
Model No.
2051-09
2051-15
2051-20
2051-23
2051-30
DC Sparkover @ 100 V/s
90 V ±30 %
150 V ±30 %
200 V ±25 %
230 V ±25 %
300 V ±25 %
Impulse Sparkover (1)
100V/
μs
1000V/
μs
<500 V
<600 V
<500 V
<600 V
<500 V
<650 V
<500 V
<650 V
<600 V
<750 V
Bourns® 2051 Series micro surface mount, 2-electrode GDT surge protection device is designed to meet board level protection requirements
with reduced space requirements. The 2051 Series is ideal for high-speed/high-bandwidth applications with a typical capacitance of 0.6 pF.
The 2051 Series product dimensions are 2.7 x 3.2 x 4.5 mm.
Characteristic
Model No.
2051-35
2051-40
2051-42
2051-47
2051-60
DC Sparkover @ 100 V/s
350 V ±25 %
400 V ±25 %
420 V ±25 %
470 V ±25 %
600 V ±25 %
Impulse Sparkover (1)
100V/
μs
1000V/
μs
<650 V
<800 V
<750 V
<900 V
<750 V
<900 V
<800 V
<950 V
<950 V
<1100 V
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2051-20-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2051-20-SM-RPLF BOURNS-2051-20-SM-RPLF Datasheet
250Kb / 2P
2051 Series Gas Discharge Tube Surge Protector
More results

Similar Description - 2051-20-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM_16 Datasheet
232Kb / 3P
Precision Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-XX-SM BOURNS-2036-XX-SM Datasheet
232Kb / 3P
Precision Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
2033-80 BOURNS-2033-80 Datasheet
399Kb / 3P
Gas Discharge Tube Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com