Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2052-80-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2052-80-SM-RPLF
Description  Light Duty 3-Electrode Symmetrical Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2052-80-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2052-80-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2052-80-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Size: 5 mm diameter, 7.2 mm length
■ Surface mount design
■ Symmetrical breakdown voltage (L-L, L-G)
■ Low capacitance and insertion loss
■
UL Recognized
■ RoHS compliant*
Applications
■ Telecommunications equipment
■ Industrial equipment/electronics
■ Consumer electronics
Characteristics
2052 Series Light Duty 3-Electrode Symmetrical Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T K.12 and IEC 61643-311.
Characteristic
Model No.
2052-23
2052-25
2052-35
2052-40
2052-42
2052-47
2052-60
2052-80
DC Sparkover ±20 % @ 100 V/s
(L-L, L-G)
230 V
250 V
350 V
400 V
420 V
470 V
600 V
800 V
Impulse Sparkover (L-L, L-G) (1)
100 V/µs
1000 V/µs
< 600 V
< 700 V
< 600 V
< 700 V
< 650 V
< 750 V
< 700 V
< 800 V
< 700 V
< 800 V
< 800 V
< 900 V
< 900 V
< 1000 V
< 1150 V
< 1400 V
Insulation Resistance (IR) (2)...................................100/250 Vdc .......................................................... > 1 G
Ω
Glow Voltage ...........................................................10 mA..................................................................... ~ 70 V
Arc Voltage ..............................................................1 A .......................................................................... ~ 10 V
Glow-Arc Transition Current .................................................................................................................... < 1 A
Maximum Capacitance ............................................1 MHz..................................................................... < 2 pF
Maximum Impulse Discharge Current .....................10,000 A, 8/20 µs .................................................. 1 operation
5,000 A, 8/20 µs ..................................................... 10 operations
Nominal Alternating Discharge Current ...................5 A, 50 Hz, 1 sec. .................................................. 1 operation
20 A, 9 cycles ......................................................... 1 operation
Impulse Life .............................................................200 A, 10/1000 µs .................................................. 150 operations
DC Holdover Voltage (3)...........................................>135 V.................................................................... < 150 ms
Operating Temperature............................................................................................................................ -30 to +85 ºC
Storage Temperature............................................................................................................................... -40 to +115 °C
Climatic Category (IEC 60068-1)............................................................................................................. 40/90/21
Notes:
• UL Recognized component, UL File E153537.
• At delivery AQL 0.65 AQL Level II, DIN ISO 2859.
• The rated discharge current is the total current equally divided between each line to ground (ELTG).
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
(2)
DC Sparkover Voltage
IR Measuring Voltage
145-400 V
100 V
420–800 V
250 V
(3)
Network Applied.
(1)
Impulse Sparkover voltage is defined as typical values of distribution.
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2052-80-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2052-1201 WAGO-2052-1201 Datasheet
962Kb / 19P
2-conductor miniature through terminal block; with operating slots; 2.5 mm짼
24.11.2021
2052-1204 WAGO-2052-1204 Datasheet
985Kb / 20P
2-conductor miniature through terminal block; with operating slots; 2.5 mm짼
24.11.2021
2052-1207 WAGO-2052-1207 Datasheet
1,011Kb / 19P
2-conductor miniature ground terminal block; with operating slots; 2.5 mm짼
24.11.2021
2052-1291 WAGO-2052-1291 Datasheet
80Kb / 2P
End plate; gray
25.11.2021
2052-301 WAGO-2052-301 Datasheet
1Mb / 19P
2-conductor miniature through terminal block; with operating slots; 2.5 mm짼
24.11.2021
More results

Similar Description - 2052-80-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
Medium Duty 2-Electrode Gas Discharge Tube
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2038-15-SM BOURNS-2038-15-SM_16 Datasheet
242Kb / 3P
Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
Heavy-Duty 3-Electrode Gas Discharge Tube
2053-07 BOURNS-2053-07 Datasheet
229Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
2056-09 BOURNS-2056-09 Datasheet
192Kb / 2P
Light Duty 3-Electrode Gas Discharge Tube
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
2053 BOURNS-2053 Datasheet
237Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
2057 BOURNS-2057 Datasheet
270Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com