Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2053-40-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2053-40-SM-RPLF
Description  Light Duty 2-Electrode Miniature Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2053-40-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2053-40-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2053-40-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Size: 4 mm diameter, 4.2 mm length
■ Mini-surface mount footprint
■ Low capacitance
■ High insulation resistance
■ RoHS compliant*
■
UL Recognized
Applications
■ Telecommunications equipment
■ Industrial equipment/electronics
■ Consumer electronics
Characteristics
2053 Series Light Duty 2-Electrode Miniature Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T K.12 and IEC 61643-311.
Insulation Resistance (IR) (2)........................... 50/100/250 V ....................................................> 1 G
Ω
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... >1 A...................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 1 A
Capacitance..................................................... 1 MHz ...............................................................0.5 pF typical
Maximum Impulse Discharge Current ............. 5,000 A, 8/20 µs................................................1 operation
3,000 A, 8/20 µs................................................10 operations
Nominal Alternating Discharge Current ........... 3 A, 50 Hz, 1 second.........................................1 operation
6 A, 9 cycles......................................................1 operation
Impulse Life
100 A, 10/1000 µs.............................................300 operations
DC Holdover Voltage (3) .............................................................................................................< 150 ms
Operating Temperature...............................................................................................................-30 to +85 °C
Storage Temperature..................................................................................................................-40 to +115 °C
Climatic Category (IEC 60068-1)................................................................................................40/90/21
Notes:
• UL Recognized component, UL File E153537.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
(2)
DC Sparkover Voltage
DC Measuring Voltage
75–90 V
50 V
120–400 V
100 V
470–600 V
250 V
(3)
Network Applied
DC Sparkover Voltage
DC Holdover Voltage
75–145 V
52 V
230–250 V
80 V
300–600 V
150 V
Characteristic
Model No.
2053-07
2053-09
2053-14
2053-23
2053-25
DC Sparkover ± 20 % @ 100 V/s
75 V
90 V
145 V
230 V
250 V
Impulse Sparkover (1)
100V/
μs
1000V/
μs
< 700 V
< 800 V
< 700 V
< 800 V
< 700 V
< 800 V
< 600 V
< 700 V
< 600 V
< 700 V
Characteristic
Model No.
2053-30
2053-35
2053-40
2053-47
2053-60
DC Sparkover ± 20 % @ 100 V/s
300 V
350 V
400 V
470 V
600 V
Impulse Sparkover (1)
100V/
μs
1000V/
μs
< 600 V
< 700 V
< 650 V
< 800 V
< 700 V
< 800 V
< 800 V
< 900 V
< 900 V
< 1000 V
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2053-40-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2053-40-SM-RPLF BOURNS-2053-40-SM-RPLF Datasheet
237Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
More results

Similar Description - 2053-40-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2045-07 BOURNS-2045-07 Datasheet
245Kb / 2P
2045 Series Medium Duty 2-Electrode Gas Discharge Tube
2049-07 BOURNS-2049-07 Datasheet
248Kb / 2P
2049 Series Medium Duty 2-Electrode Gas Discharge Tube
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
Medium Duty 2-Electrode Gas Discharge Tube
2045-07 BOURNS-2045-07_15 Datasheet
231Kb / 2P
Medium Duty 2-Electrode Gas Discharge Tube
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
Heavy-Duty 3-Electrode Gas Discharge Tube
2052-23 BOURNS-2052-23 Datasheet
240Kb / 2P
Light Duty 3-Electrode Symmetrical Gas Discharge Tube
2056-09 BOURNS-2056-09 Datasheet
192Kb / 2P
Light Duty 3-Electrode Gas Discharge Tube
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
2053 BOURNS-2053 Datasheet
237Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
2057 BOURNS-2057 Datasheet
270Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com