Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2038-15-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2038-15-SM-RPLF
Description  Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2038-15-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2038-15-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2038-15-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2038-15-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
BalancedMini-TRIGARD™
(5mmdiameter,7.5mmlength)
n
Idealforboardlevelprotectionof
broadbandcircuits
n
Symmetricalbreakdownvoltage(L-L,L-G)
n
Leadless,surfacemountforeconomical
assembly
n
Highsurgecurrentrating,lowinsertionloss
n
Stablebreakdownthroughoutlife
n
RoHScompliant*versionsavailable
Characteristics
2038SeriesMiniatureSymmetrical3-ElectrodeSurfaceMountGasDischargeTube
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
Impulse Transverse Delay............................... 100 V/µs............................................................< 50 ns
Insulation Resistance (IR) ............................... 100 V ................................................................> 109 Ω
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... 1 A.....................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 0.5 A
Capacitance..................................................... 1 MHz ...............................................................< 1 pF
DC Holdover Voltage (3) ................................... 135 V (80 V for Model 2038-15) .......................< 150 ms
Impulse Discharge Current.............................. 10000 A, 8/20 µs (4) ...........................................1 operation min.
5000 A, 8/20 µs.................................................> 10 operations
200 A, 10/1000 µs.............................................> 300 operations
200 A, 10/700 µs ..............................................> 500 operations
10 A, 10/1000 µs ..............................................> 1500 operations
Alternating Discharge Current ......................... 10 Arms, 1 s (4) ..................................................1 operation min.
5 Arms, 1 s........................................................> 10 operations
Operating Temperature............................................................................................................... -40 to +90 °C
Climatic Category (IEC 60068-1)................................................................................................ 40/90/21
Notes:
• 2038-35 UL Recognized
, file E153537, 2038-110 CSA Approved
, file LR93265 (UL 1449).
• The rated discharge current for Mini-TRIGARD™ GDTs is the total current equally divided between each line to ground.
• Surface Mount (SM) parts may show a temporary increase in DCBD after the solder reflow process. Most devices will recover within 24 hours
time. It should be noted that there is no quality defect nor change in protection levels during the temporary change in DCBD.
• Sparkover limits after life ±30 %. IR >108 Ω.
• Operating characteristics per RUS PE-80 and Telcordia GR 1361 available on request.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
(1)
Line to Line DC Sparkover tolerance typically less than +30 % at 100 V/s.
(3)
Network applied.
(4)
DC Sparkover may exceed ±30 % but will continue to protect without venting.
Characteristic
Model No.
2038-15-SM
2038-20-SM
2038-23-SM
2038-30-SM
2038-35-SM
DC Sparkover ± 25 % @ 100 V/s
L1/L2 to Gnd (1)
150 V
200 V
230 V
300 V
350 V
Typical Impulse Sparkover (2)
L1/L2 to Gnd
100V/μs
1000V/μs
350 V
500 V
425 V
575 V
450 V
600 V
500 V
650 V
600 V
750 V
Bourns offers a symmetrical surface mount (SM) 3-electrode GDT surge protection device. The industry-leading quality and features of the
Bourns® miniature-TRIGARDTM series GDT continue in the 2038 symmetrical version. The 2038 series is ideal for board level protection of
high bandwidth applications such as xDSL, cable broadband and high speed Ethernet, due to its symmetrical turn on characteristics as well as
high energy-handling capability, long and stable life performance and low capacitance of less than 1 pF. The 2038 series breakdown
voltages are nearly equal line to line as well as line to ground. Bourns® Gas Discharge Tubes (GDT) are designed to prevent damage from
transient disturbances by acting as a “crowbar” in creating a virtual short-to-ground circuit during conduction. When an electrical surge
exceeds the defined breakdown voltage level of the GDT, the gas becomes ionized and rapid conduction takes place. When the surge passes
and the system voltage returns to normal levels, the GDT returns to its high-impedance (off) state.
Characteristic
Model No.
2038-42-SM
2038-47-SM
2038-60-SM
2038-80-SM
2038-110-SM
DC Sparkover ± 25 % @ 100 V/s
L1/L2 to Gnd (1)
420 V
470 V
600 V
800 V
1100 V
Typical Impulse Sparkover (2)
L1/L2 to Gnd
100V/μs
1000V/μs
675 V
850 V
750 V
950 V
850 V
1100 V
1150 V
1400 V
1500 V
1700 V
(2)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2038-15-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2038-15-SM BOURNS-2038-15-SM Datasheet
330Kb / 3P
2038 Series Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
More results

Similar Description - 2038-15-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2038-15-SM BOURNS-2038-15-SM Datasheet
330Kb / 3P
2038 Series Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
3-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2030-23T BOURNS-2030-23T Datasheet
322Kb / 3P
Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-23T BOURNS-2030-23T_15 Datasheet
315Kb / 3P
Fast Acting 3-Electrode Miniature Gas Discharge Tube
2052-23 BOURNS-2052-23 Datasheet
240Kb / 2P
Light Duty 3-Electrode Symmetrical Gas Discharge Tube
logo
Socay Electornics Co., ...
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
3-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2030-XXT-SM BOURNS-2030-XXT-SM Datasheet
315Kb / 3P
Fast Acting 3-Electrode Miniature Gas Discharge Tube
logo
Socay Electornics Co., ...
SC2E5-SMD SOCAY-SC2E5-SMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
Shanghai Leiditech Elec...
2R090-5S LEIDITECH-2R090-5S Datasheet
3Mb / 4P
Surface Mount 2-Electrode gas Discharge Tube
SMD5050-090 LEIDITECH-SMD5050-090 Datasheet
3Mb / 4P
Surface Mount 2-Electrode gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com