Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2038-110-SM-RPLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2038-110-SM-RPLF
Description  Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2038-110-SM-RPLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2038-110-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2038-110-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2038-110-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packaging Specifications
The Model 2038-xx-SM ships standard bulk pack, 250 pieces per bag, 4 bags per box.
The optional -RP & -RP2 reelpacks contain 1000 pcs./reel. The reels are 330 mm (13 inches) in diameter. The -RP reelpack is 18 mm
(0.71 inches) wide. The -RP2 reelpack is 26 mm (1.02 inches) wide.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2038SeriesMiniatureSymmetrical3-ElectrodeSurfaceMountGasDischargeTube
-RP
-RP2
DIMENSIONS:
MM
(INCHES)
REV. L 02/16
4.0
(.158)
2.0
(.079)
.41
(.016)
7.80
(.307)
3.00
(.118)
4.0
(.158)
12.0
(.472)
2.0
(.079)
3.00±0.10
(.118±.004)
5.26±0.10
(.207±.004)
9.35±0.10
(.368±.004)
14.90±0.10
(.587±.004)
12.0
(.472)
5.25±0.10
(.207±.004)
.13
(.005)
TOLERANCES:
UNLESSOTHERWISENOTED
1.50+0.10/-0.00
(.059+0.0039/-0.00) DIA.
DIA. 1.50
(.059)
22.25
(.876)
1.75
(.069)
11.50
(.453)
24.00
(.945)
NOM.
3°
3°
A
SECTIONA-A
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com