Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYN75N65C3D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYN75N65C3D1
Description  International Standard Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN75N65C3D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYN75N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYN75N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYN75N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYN75N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYN75N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYN75N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYN75N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYN75N65C3D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
25
44
S
C
ies
3410
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
330
pF
C
res
73
pF
Q
g(on)
122
nC
Q
ge
I
C = 60A, VGE = 15V, VCE = 0.5 • VCES
22
nC
Q
gc
60
nC
t
d(on)
26
ns
t
ri
65
ns
E
on
2.00
mJ
t
d(off)
93
ns
t
fi
60
ns
E
off
0.95
mJ
t
d(on)
26
ns
t
ri
64
ns
E
on
3.40
mJ
t
d(off)
115
ns
t
fi
64
ns
E
off
1.30
mJ
R
thJC
0.25 °C/W
R
thCS
0.05
°C/W
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Inductive load, T
J = 150°C
I
C = 60A, VGE = 15V
V
CE = 400V, RG = 3
Note 2
Inductive load, T
J = 25°C
I
C = 60A, VGE = 15V
V
CE = 400V, RG = 3
Note 2
Reverse Diode (FRED)
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min. Typ.
Max.
V
F
I
F = 50A, VGE = 0V, Note 1
2.50
V
T
J = 150°C
1.45
V
I
rr
T
J = 150°C
30
A
t
rr
T
J = 150°C
135
ns
R
thJC
0.52 °C/W
I
F = 50A, VGE = 0V, -diF/dt = 700A/μs,
V
R = 400V
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
SOT-227B miniBLOC (IXYN)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com