Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447 Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P447
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447 Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P447 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
EM78P447S
OTP ROM
4.11 Residue-Voltage Protection
When battery is replaced, device power (Vdd) is taken off but residue-voltage remains. The residue-voltage may trips
below Vdd minimum, but not to zero. This condition may cause a poor power on reset. Fig.16 and Fig.17 show how to build
the residue-voltage protection circuit.
EM78P447N
/RESET
Vdd
40K
Q1
1N4684
10K
33K
Vdd
Fig.14 The Residue Voltage Protection Circuit 1
EM78P447N
/RESET
Vdd
Q1
Vdd
40K
R2
R1
Fig.15 The Residue Voltage Protection Circuit 2
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com