Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP824 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP824
Description  5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP824 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP824 Datasheet HTML 1Page - Vishay Siliconix SIP824 Datasheet HTML 2Page - Vishay Siliconix SIP824 Datasheet HTML 3Page - Vishay Siliconix SIP824 Datasheet HTML 4Page - Vishay Siliconix SIP824 Datasheet HTML 5Page - Vishay Siliconix SIP824 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SiP823/SiP824/SiP825
Vishay Siliconix
Document Number: 72397
S-41150—Rev. B, 14-Jun-04
www.vishay.com
1
5-Pin
mP Reset Circuits with Watchdog Timer and Manual Reset
FEATURES
APPLICATIONS
D Precision Power Supply Monitoring with "1.5% Accuracy
D Low Quiescent Current: 3 mA max.
D Low Threshold Voltage Temperature Coefficient: 100 ppm max.
D Guaranteed RESET Valid Dow to VCC = 1 V
D Seven Reset Threshold Options
D Small SOT23-5 Packages
D No External Components
D Power Supply Transient Immunity
D Portable Intelligent Electronics
D Computers and Controllers
D Automotive Electronics
D Critical
mP/mC Power Supply Monitoring
DESCRIPTION
The
SiP823/SiP824/SiP825
series
are
mProcessor
supervisory circuits in a 5-pin SOT23 package, that combine
the functions of power supply and mProcessor monitoring.
If the power supply voltage drops, or has been, below a safe
level or the mProcessor shows signs of problematic inactivity,
the circuit will generate a reset signal at it’s output.
The SiP823 and SiP825 have an input to accommodate
manual reset.
Seven pre-programmed reset threshold voltage levels are
available as standard options.
Specially configured options are available upon request,
allowing for further customization of reset voltage, reset
time-out, and watchdog time-out periods.
The SiP823 has a reset output that is “active low” and the
SiP824 and SiP825 have complementary outputs for both
“active high” and “active low” resets. Both output drives are
push/pull configurations.
Space saving SOT23-5 packages and low quiescent current
make this family of products ideally suited for portable battery
operated equipment.
These circuits fully ignore fast negative VCC transients and
have valid reset output signals with power supply levels down
to 1 V.
PACKAGING AND PIN DEFINITION
Top View
3
5
SOT-23
1
VCC
See page 2 for ordering and marking information.
GND
2
4
WDI
RESET
MR
Top View
3
5
SOT-23
1
VCC
GND
2
4
WDI
RESET
Top View
3
5
SOT-23
1
VCC
GND
2
4
MR
RESET
RESET
RESET
SiP823
SiP824
SiP825
TYPICAL APPLICATION CIRCUIT
GND
GND
VCC
VCC
SiP823
mProcessor
VCC
I/O
RESET
RESET
WDI
MANUAL
RESET
MR


Similar Part No. - SIP824

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
High Performance Single Output SIP Passive Delay Lines
SIP8-1.51 RHOMBUS-IND-SIP8-1.51 Datasheet
27Kb / 1P
High Performance Single Output SIP Passive Delay Lines
SIP8-1.52 RHOMBUS-IND-SIP8-1.52 Datasheet
27Kb / 1P
High Performance Single Output SIP Passive Delay Lines
SIP8-1.55 RHOMBUS-IND-SIP8-1.55 Datasheet
27Kb / 1P
High Performance Single Output SIP Passive Delay Lines
SIP8-1.57 RHOMBUS-IND-SIP8-1.57 Datasheet
27Kb / 1P
High Performance Single Output SIP Passive Delay Lines
More results

Similar Description - SIP824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com