Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SB Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P447SB
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SB Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P447SB Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
EM78P447S
OTP ROM
0: TCC
1: WDT
• Bit 2 (PSR2) ~ Bit 0 (PSR0) TCC/WDT prescaler bits.
PSR2
PSR1
PSR0
TCC Rate
WDT Rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
3. IOC5 ~ IOC7 (I/O Port Control Register)
• "1" put the relative I/O pin into high impedance, while "0" defines the relative I/O pin as output.
• IOC5 and IOC7 registers are both readable and writable.
4. IOCB (Wake-up Control Register for Port6)
7
6
5
4
3
2
1
0
/WUE7
/WUE6
/WUE5
/WUE4
/WUE3
/WUE2
/WUE1
/WUE0
• Bit 7 (/WUE7) Control bit is used to enable the wake-up function of P67 pin.
• Bit 6 (/WUE6) Control bit is used to enable the wake-up function of P66 pin.
• Bit 5 (/WUE5) Control bit is used to enable the wake-up function of P65 pin.
• Bit 4 (/WUE4) Control bit is used to enable the wake-up function of P64 pin.
• Bit 3 (/WUE3) Control bit is used to enable the wake-up function of P63 pin.
• Bit 2 (/WUE2) Control bit is used to enable the wake-up function of P62 pin.
• Bit 1 (/WUE1) Control bit is used to enable the wake-up function of P61 pin.
• Bit 0 (/WUE0) Control bit is used to enable the wake-up function of P60 pin.
0: Enable internal wake-up.
1: Disable internal wake-up.
• IOCB Register is both readable and writable.
5. IOCE (WDT Control Register)
7
6
5
4
3
2
1
0
-
ODE
WDTE
SLPC
ROC
-
-
/WUE
• Bit 6 (ODE) Control bit is used to enable the open-drain of P76 and P77 pins
0: Disable open-drain output.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com