Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SAS Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # EM78P447SAS
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SAS Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EM78P447SAS Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P447SAS Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
EM78P447S
OTP ROM
humidity, and leakage.
The smaller the Rext in the RC oscillator, the faster its frequency will be. On the contrary, for very low Rext values, for
instance, 1 K
Ω, the oscillator becomes unstable because the NMOS cannot discharge the current of the capacitance
correctly.
Based on the above reasons, it must be kept in mind that all of the supply voltage, the operation temperature, the
components of the RC oscillator, the package types, the way the PCB is layout, will affect the system frequency.
OSCI
EM 78P447S
VCC
Rext
Cext
Fig. 12 External RC Oscillator Mode Circuit
Table 11 RC Oscillator Frequencies
Cext
Rext
Average Fosc 5V,25
°C Average Fosc 3V,25°C
3.3k
4.32 MHz
3.56 MHz
5.1k
2.83 MHz
2.8 MHz
10k
1.62MHz
1.57 MHz
20 pF
100k
184 KHz
187 KHz
3.3k
1.39 MHz
1.35 MHz
5.1k
950 KHz
930 KHz
10k
500 KHz
490 KHz
100 pF
100k
54KHz
55 KHz
3.3k
580 KHz
550 KHz
5.1k
390 KHz
380 KHz
10k
200 KHz
200 KHz
300 pF
100k
21 KHz
21 KHz
<Note>
1. Measured on DIP packages.
2. For design reference only.
3.The frequency drift is about ±30%.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com