Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP32D4SW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP32D4SW
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D4SW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP32D4SW Datasheet HTML 1Page - Diodes Incorporated DMP32D4SW Datasheet HTML 2Page - Diodes Incorporated DMP32D4SW Datasheet HTML 3Page - Diodes Incorporated DMP32D4SW Datasheet HTML 4Page - Diodes Incorporated DMP32D4SW Datasheet HTML 5Page - Diodes Incorporated DMP32D4SW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP32D4SW
Document number: DS35823 Rev. 3 - 2
4 of 6
www.diodes.com
March 2013
© Diodes Incorporated
DMP32D4SW
0.3
0.6
0.9
1.5
0
1.2
-50 -25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V= -10V
I=
A
GS
D
-1.0
V=
5V
I=
A
GS
D
-4.
-500m
1.2
1.4
1.6
1.8
2.2
2.4
2.6
2.0
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
A
-I = 1mA
D
-I = 250µA
D
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
1.0
2.0
0
0
0.3
0.6
0.9
1.2
1.5
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs. Current
SD
T= 25 C
A
T= -55 C
A
T= 85 C
A
T= 125 C
A
T= 150 C
A
100
10
1
0
5
10
15
20
25
30
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
Coss
Crss
f = 1MHz
Ciss
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
0
2
4
6
8
10
V
= -10V
I= -1A
DS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com