Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP32D4SW-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP32D4SW-7
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D4SW-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP32D4SW-7 Datasheet HTML 1Page - Diodes Incorporated DMP32D4SW-7 Datasheet HTML 2Page - Diodes Incorporated DMP32D4SW-7 Datasheet HTML 3Page - Diodes Incorporated DMP32D4SW-7 Datasheet HTML 4Page - Diodes Incorporated DMP32D4SW-7 Datasheet HTML 5Page - Diodes Incorporated DMP32D4SW-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP32D4SW
Document number: DS35823 Rev. 3 - 2
3 of 6
www.diodes.com
March 2013
© Diodes Incorporated
DMP32D4SW
0
0.5
1.0
1.5
2.0
01
2
3
4
5
-V , DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -4.0V
GS
V
= -4.5V
GS
V
= -5.0V
GS
V= -10V
GS
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
01
2
3
4
5
1.0
2.0
0
-V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -5.0V
DS
0
0.5
1.0
1.5
2.0
2.5
3.0
-I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
V
= -4.5V
GS
V
= -2.5V
GS
02
4
6
8
10
12 14 16
18 20
-V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
0.3
0.6
0.9
1.2
1.5
0
I = -0.5A
D
I = -0.3A
D
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
-I , DRAIN SOURCE CURRENT (A)
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
D
0.2
0.4
0.6
0.8
1.2
1.4
1.0
0
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
V
= -4.5V
GS
-50
-25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0.6
0.8
1.2
1.4
1.6
1.0
V
= -4.5V
I = -500mA
GS
D
V
= -10V
I = -1.0A
GS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com