Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SBP Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM78P447SBP
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBP Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM78P447SBP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
EM78P447S
OTP ROM
1: Enable open-drain output.
The ODE bit can be read and written.
• Bit 5 (WDTE) Control bit used to enable Watchdog timer.
The WDTE bit is useful only when ENWDT, the CODE Option bit, is "0". It is only when the ENWDT
bit is "0" that WDTE bit. is able to disabled/enabled the WDT.
0: Disable WDT.
1: Enable WDT.
The WDTE bit is not used if ENWDT, the CODE Option bit ENWDT, is "1". That is, if the ENWDT bit
is "1", WDT is always disabled no matter what the WDTE bit status is.
The WDTE bit can be read and written.
• Bit 4 (SLPC) This bit is set by hardware at the low level trigger of wake-up signal and is cleared by
software. SLPC is used to control the oscillator operation. The oscillator is disabled (oscillator is
stopped, and the controller enters into SLEEP2 mode) on the high-to-low transition and is enabled
(controller is awakened from SLEEP2 mode) on low-to-high transition. In order to ensure the stable
output of the oscillator, once the oscillator is enabled again, there is a delay for approximately 18ms
1
(oscillator start-up timer, OST) before the next instruction of the program is executed. The OST is
always activated by a wake-up event from sleep mode regardless of the Code Option bit ENWDT
status is "0" or otherwise. After waking up, the WDT is enabled if the Code Option ENWDT is "1". The
block diagram of SLEEP2 mode and wake-up invoked by an input trigger is depicted in Fig. 5. The
SLPC bit can be read and written.
• Bit 3 (ROC) ROC is used for the R-option. Setting ROC to "1" will enable the status of R-option pins
(P70, P71) for the controller to read. Clearing ROC will disable the R-option function. Otherwise, the
R-option function is introduced. Users must connect the P71 pin or/and P70 pin to VSS with a
430K
Ω external resistor (Rex). If Rex is connected/disconnected with VDD, the status of P70 (P71)
will be read as "0"/"1" (refer to Fig. 7(b)). The ROC bit can be read and written.
• Bit 0 (/WUE) Control bit is used to enable the wake-up function of P74 and P75.
0: Enable the wake-up function.
1: Disable the wake-up function.
The /WUE bit can be read and written.
• Bits 1~2, and 7 Not used.
1 <Note>: Vdd = 5V, set up time period = 16.2ms ± 30%
Vdd = 3V, set up time period = 19.6ms ± 30%
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com