Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L004 Datasheet(PDF) 21 Page - AMIC Technology

Part # A29L004
Description  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004 Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29L004 Datasheet HTML 17Page - AMIC Technology A29L004 Datasheet HTML 18Page - AMIC Technology A29L004 Datasheet HTML 19Page - AMIC Technology A29L004 Datasheet HTML 20Page - AMIC Technology A29L004 Datasheet HTML 21Page - AMIC Technology A29L004 Datasheet HTML 22Page - AMIC Technology A29L004 Datasheet HTML 23Page - AMIC Technology A29L004 Datasheet HTML 24Page - AMIC Technology A29L004 Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
A29L004 Series
PRELIMINARY
(October, 2002, Version 0.0)
21
AMIC Technology, Corp.
DC Characteristics (continued)
Zero Power Flash
0
500
1000
1500
2000
2500
3000
3500
4000
5
0
10
15
20
25
Time in ns
Note: Addresses are switching at 1MHz
ICC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
1
2
3
4
5
0
2
4
6
8
10
Frequency in MHz
C
25
T
:
Note
°
=
Typical ICC1 vs. Frequency
3.6V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com