Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6283SSGTR Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6283SSGTR
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283SSGTR Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6283SSGTR Datasheet HTML 9Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 10Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 11Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 12Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 13Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 14Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 15Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 16Page - MOSA ELECTRONICS MS6283SSGTR Datasheet HTML 17Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
13/18
www.mosanalog.com
Soft-step volume
When the volume-level is changed audible clicks could appear at the output. The root cause of those clicks could be the
sudden change of the envelope of the audio signal. With the Soft-step feature, this click could be reduced to a minimum.
Soft-step supports N dB volume change, including mute.
Example
Soft-Step Time = 5.12ms
0dB
-16dB
0dB
Vin = 1Vrms @ 1KHz
Vin = 1Vrms @ 2KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com