Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC50-DCC Datasheet(PDF) 4 Page - SICK AG

Part # PAC50-DCC
Description  PRESSURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PAC50-DCC Datasheet(HTML) 4 Page - SICK AG

  PAC50-DCC Datasheet HTML 1Page - SICK AG PAC50-DCC Datasheet HTML 2Page - SICK AG PAC50-DCC Datasheet HTML 3Page - SICK AG PAC50-DCC Datasheet HTML 4Page - SICK AG PAC50-DCC Datasheet HTML 5Page - SICK AG PAC50-DCC Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PAC50-DCC | PAC50
PRESSURE SENSORS
4
FLUID SENSORS | SICK
Online data sheet | 2016-03-19 00:51:29
Subject to change without notice
Connection type
Round connector M12 x 1, 5-pin
1
2
3
4
5
Output signals
Type code
Electrical
connection
Pin assignment
2 x digital + analog
PAC50-xxC
M12 x 1, 5 pins
L+ = 1, M = 3, Q1 = 4, Q2 = 2, QA = 5
①  L+: Positive supply connection
②  M: Negative supply connection
③  Q1: Switching output 1
④  C/Q1: With IO-Link: Communication/ switching output 1
⑤  Q2: Switching output 2
⑥  QA: Analog output
Instruction for installation
1
2
3
4
Recommended accessories
Other models and accessories
www.sick.com/PAC50
Brief description
Type
Part no.
Mounting brackets and mounting plates
Wall-mounting kit; mounting element for wall-mounting of pressure switch PAC50,
Mounting element: polycarbonate, screws: steel, zinc-coated
BEF-MA-WLM-
NTS-PAC5
2069198
Terminal and alignment brackets



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com