Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC50-DCD Datasheet(PDF) 2 Page - SICK AG

Part # PAC50-DCD
Description  PRESSURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PAC50-DCD Datasheet(HTML) 2 Page - SICK AG

  PAC50-DCD Datasheet HTML 1Page - SICK AG PAC50-DCD Datasheet HTML 2Page - SICK AG PAC50-DCD Datasheet HTML 3Page - SICK AG PAC50-DCD Datasheet HTML 4Page - SICK AG PAC50-DCD Datasheet HTML 5Page - SICK AG PAC50-DCD Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PAC50-DCD | PAC50
PRESSURE SENSORS
2
FLUID SENSORS | SICK
Online data sheet | 2016-03-19 00:51:29
Subject to change without notice
Illustration may differ
Ordering information
Type
Part no.
PAC50-DCD
1062992
Other models and accessories
www.sick.com/PAC50
Detailed technical data
Features
Medium
Dry compressed air
Pressure type
Gauge pressure
Measuring range
0 bar ... 10 bar
Process temperature
0 °C ... +60 °C
Analog signal output and ohmic load RA
Optional, 4 mA ... 20 mA / 0 V… 10 V. Automatic detection depending on connected load or
programmable. Output signals can be inverted: 20 mA ... 4 mA / 10 V ... 0 V
Load resistance for current output < 600 Ohm
Load resistance with current output > 3 kOhm
Zero point adjustment
Max. + 5 % of span
Output signal
IO-Link/PNP + PNP/NPN/Push-Pull
Diagnostics output
Switching output 2 can be set as diagnostics output
Display
LCD with LED backlight (green/red), can be rotated electronically by 180°
Pressure display: 4 digits, 16 segments
Pressure unit in display can be switched: bar, MPa, kPa, psi and inHg
Update: 1,000, 500, 200, 100 ms (adjustable)
Initialization time
300 ms
Performance
Non-linearity
≤ ± 0.5 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 1.5 % of the span including non-linearity, hysteresis, zero point and full scale error (corre-
sponds to error of measurement as per IEC 61298-2)
Setting accuracy of switching outputs
≤ ± 0.2 % of span
Non-repeatability
≤ ± 0.2 % of the span
Rated temperature range
+10 °C ... +60 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com