Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R0.25S-3.305/E-R Datasheet(PDF) 1 Page - Recom International Power

Part # R0.25S-3.305/E-R
Description  0.25 Watt SMD Isolated Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S-3.305/E-R Datasheet(HTML) 1 Page - Recom International Power

  R0.25S-3.305/E-R Datasheet HTML 1Page - Recom International Power R0.25S-3.305/E-R Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
R0.25S/E
Selection Guide
0.25 Watt SMD
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
● 1 : 1 Input Range
● 0.25W SMD Package
● Efficiency up to 77%
● 1kVDC and 2kVDC Isolation Option
● Operating Temperature from -40°C to +100°C
● EN/UL60950-1 Certified
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
typ.
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)**
R0.25S**-3.305/E*
3.3
5
50
75
1000µF
R0.25S**-0505/E*
5
5
50
77
1000µF
R0.25S**-1205/E*
12
5
50
74
1000µF
Other input and output voltage combinations available on request.
*add Suffix „H“ for 2kVDC Isolation, e.g. R0.25S-3.305/HE
*add Suffix „-R“ for tape & reel packaging, e.g. R0.25S-3.305/E -R
*add Suffix „P“ for Continuous Short Circuit Protection, e.g. R0.25S/PE
**without marking denotes 5 pins out of 8 fitted (includes „H“ option)
with marking 8 denotes 8 pins out of 8 fitted („H“ option not available), e.g R0.25S8-3.305/E
Refer to Application Notes
Specifications (measured at TA = 25°C, nominal input voltage full load and after warm up)
Description
The R0.25S/E series DC/DC converter has been designed to offer exceptionally high efficiency,
low quiescent current and an extended operating temperature range. Uses include battery
powered supplies, high efficiency designs or high temperature applications.
Input Voltage Range
±10% max.
Voltage Set Accuracy
100% Load/nominal Vin
-2% typ. / ±5% max.
Line Regulation
Low Line to High Line @ max. Load
1,2% typ.
Load Regulation
(10% to 100% Load)
4% typ. / 10% max.
Ripple & Noise @ 20MHz BW
50mVp-p typ. / 100mVp-p max.
Efficiency
100% Load
70% min.
Operating Temperature
-40°C to + 100°C
Storage Temperature
-55°C to +125°C
Isolation Test Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Test Voltage
H-Suffix
(tested for 1 second)
2000VDC
H-Suffix
(rated for 1 minute***)
1000VAC / 60Hz
Isolation Capacitance
75PF max.
Isolation Resistance
Viso = 500V
10 G
Ω min.
Humidity
95% max.
Operating Frequency
Vin (nom.)
20kHz min. / 70 kHz max.
Short-Circuit Protection
1 Second
MTBF
Using MIL-HDBK 217F (+100°C)
1352 x 10³ hours
Using MIL-HDBK 217F (+25°C)
4494 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
Weight
1.0g
Certification
UL General Safety
Report: E224736
UL60950-1
EN General Safety
EN60950-1
100
60
20
40
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
EN-60950-1 Certified
UL-60950-1 Certified
E224736
RoHS
2011/65/EU
6/6
***Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
REV: 0/2015
www.recom-power.com
E-12


Similar Part No. - R0.25S-3.305/E-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.25S-0505 RECOM-R0.25S-0505 Datasheet
150Kb / 4P
Features
R0.25S-0509 RECOM-R0.25S-0509 Datasheet
150Kb / 4P
Features
R0.25S-0512 RECOM-R0.25S-0512 Datasheet
150Kb / 4P
Features
R0.25S-0515 RECOM-R0.25S-0515 Datasheet
150Kb / 4P
Features
R0.25S-0524 RECOM-R0.25S-0524 Datasheet
150Kb / 4P
Features
More results

Similar Description - R0.25S-3.305/E-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RQS RECOM-RQS Datasheet
89Kb / 3P
0.25 Watt SMD Single & Dual Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
0.5 Watt SMD Isolated Single Output
RQS-1.81.8 RECOM-RQS-1.81.8_06 Datasheet
102Kb / 3P
0.25 Watt SMD Single & Dual Output
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
0.5 Watt SMD Isolated Single Output
RM RECOM-RM_10 Datasheet
81Kb / 2P
0.25 Watt SIP4 Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
1 Watt SMD Isolated Single Output
RBL-3.305S-E RECOM-RBL-3.305S-E Datasheet
92Kb / 2P
0.25 Watt SIP7 Isolated Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
0.25 Watt SIP4 Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com