Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1SE-0505 Datasheet(PDF) 2 Page - Recom International Power

Part # R1SE-0505
Description  1 Watt SMD Isolated Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1SE-0505 Datasheet(HTML) 2 Page - Recom International Power

  R1SE-0505 Datasheet HTML 1Page - Recom International Power R1SE-0505 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package Style and Pinning (mm)
UNIT: mm
TOL.: ± 0.25 mm
Pin Connections
Pin # Function for 5 Pins
Function for 8 Pins
1
–Vin
- Vin
2
+Vin
+Vin
4
-Vout
-Vout
5
+Vout
+Vout
3, 6, 7
No Pin
NC
8NC
NC
NC= No Connection
ECONOLINE
DC/DC-Converter
R1SE-0505
Series
Typical Characteristics
R1SE-0505
0% 10% 20% 30% 40% 50% 60% 70% 80% 90%100%
-10
-5
0
5
10
15
20
25
Deviation/Load
Load %
0% 10% 20% 30% 40% 50% 60% 70% 80% 90%100%
0
10
20
30
40
50
60
70
Efficiency/Load
Load %
80
90
100
12.75
6.70
7.00
2.54x3
10.70
11.10
RECOM
R1SE-0505
1131
12
3
87
11.10
0.50
Footprint
2.54
1.20
1.80
12.00
4
6
5
Pb
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-31
www.recom-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com